Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

X25057 Datasheet(PDF) 5 Page - IC MICROSYSTEMS

Part No. X25057
Description  5MHz Low Power SPI Serial E2PROM with IDLock™ Memory
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICMIC [IC MICROSYSTEMS]
Homepage  http://www.icmic.com
Logo 

X25057 Datasheet(HTML) 5 Page - IC MICROSYSTEMS

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
X25057
5
Figure 2. Read Operation Sequence
Figure 3. Read Status Operation Sequence
0
1
2
3
4
5
6
7
8
9
CS
SCK
SI
SO
HIGH IMPEDANCE
READ INSTRUCTION
(1 BYTE)
BYTE ADDRESS (2 BYTE)
DATA OUT
15 14
3
2
1
0
20 21 22 23 24 25 26 27 28 29 30
7033 FRM F03.1
7
6
5
4
3
2
1
0
0
1
2
3
4
5
6
7
CS
SCK
SI
SO
NONVOLATILE WRITE IN PROGRESS
READ STATUS
INSTRUCTION
7033 FRM F04.2
I
SO HIGH DURING
NONVOLATILE
WRITE CYCLE
SO = STATUS REG BIT
WHEN NO NONVOLATILE
WRITE CYCLE
...
...
...
D
L
2
I
D
L
1
I
D
L
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn