Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25040 Datasheet(PDF) 14 Page - IC MICROSYSTEMS

Part # X25040
Description  SPI Serial E2PROM with Block LockTM Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25040 Datasheet(HTML) 14 Page - IC MICROSYSTEMS

Back Button X25040 Datasheet HTML 6Page - IC MICROSYSTEMS X25040 Datasheet HTML 7Page - IC MICROSYSTEMS X25040 Datasheet HTML 8Page - IC MICROSYSTEMS X25040 Datasheet HTML 9Page - IC MICROSYSTEMS X25040 Datasheet HTML 10Page - IC MICROSYSTEMS X25040 Datasheet HTML 11Page - IC MICROSYSTEMS X25040 Datasheet HTML 12Page - IC MICROSYSTEMS X25040 Datasheet HTML 13Page - IC MICROSYSTEMS X25040 Datasheet HTML 14Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
X25040
14
X25040
P
T
G -V
Device
ORDERING INFORMATION
VCC Limits
Blank = 5V ±10%
3 = 3V to 5.5V
2.7V = 2.7V to 5.5V
Temperature Range
Blank = Commercial = 0°C to +70°C
I = Industrial = –40°C to +85°C
M = Military = –55°C to +125°C
Package
P = 8-Lead Plastic DIP
S = 8-Lead SOIC
G = RoHS compliant lead free
Blank = 8-Lead SOIC
P = 8-Lead Plastic DIP
Blank = 5V ±10%, 0°C to +70°C
I = 5V ±10%, –40°C to +85°C
D = 3V to 5.5V, 0°C to +70°C
E = 3V to 5.5V, –40°C to +85°C
F = 2.7V to 5.5V, 0°C to +70°C
G = 2.7V to 5.5V, –40°C to +85°C
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty, express,
statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Xicor, Inc. makes no
warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices at any time and without
notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, licenses are implied.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481; 4,404,475; 4,450,402;
4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829, 482; 4,874, 967; 4,883, 976. Foreign patents and additional patents
pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection
and correction, redundancy and back-up features to prevent such an occurrence.
Xicor's products are not authorized for use in critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose
failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to
the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
Part Mark Convention
X25040
X G
X
G= RoHS Compliant Lead Free package
Blank = Standard package. Non lead free


Similar Part No. - X25040

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040P XICOR-X25040P Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040P-2.7 XICOR-X25040P-2.7 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040P-3 XICOR-X25040P-3 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040PI XICOR-X25040PI Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results

Similar Description - X25040

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com