Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F640AG Datasheet(PDF) 7 Page - IC MICROSYSTEMS

Part # X76F640AG
Description  Secure Serial Flash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F640AG Datasheet(HTML) 7 Page - IC MICROSYSTEMS

Back Button X76F640AG Datasheet HTML 3Page - IC MICROSYSTEMS X76F640AG Datasheet HTML 4Page - IC MICROSYSTEMS X76F640AG Datasheet HTML 5Page - IC MICROSYSTEMS X76F640AG Datasheet HTML 6Page - IC MICROSYSTEMS X76F640AG Datasheet HTML 7Page - IC MICROSYSTEMS X76F640AG Datasheet HTML 8Page - IC MICROSYSTEMS X76F640AG Datasheet HTML 9Page - IC MICROSYSTEMS X76F640AG Datasheet HTML 10Page - IC MICROSYSTEMS X76F640AG Datasheet HTML 11Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
X76F640
7
Figure 5. Acknowledge Polling
8th clk.
of 8th
pwd. byte
‘ACK’
clk
8th
clk
‘ACK’
clk
‘ACK’
START
condition
8th bit
ACK or
no ACK
SCL
SDA
7025 FM 10
READ OPERATIONS
Read operations are initiated in the same manner as write
operations but with a different command code.
Random Read
The master issues the start condition and a Read instruction
and password, performs a Password Ack Polling, then
issues the word address. Once the password has been
acknowledged and first byte has been read, another start
can be issued followed by a new 8-bit address. Random
reads are allowed, but only the low order 8 bits can
change. This limits random reads to a 256 byte block.
Therefore, with a single password cycle only a 256 byte
block of array 0 may be accessed randomly. To randomly
access another block of array 0, a stop must be issued fol-
lowed by a new command/address/password sequence. A
random read of the array 1 can access all locations with-
out another password command sequence.
Sequential Read
The host can read sequentially within an array after the
password acceptance sequence. The data output is
sequential, with the data from address n followed by the
data from n+1. The address counter for read operations
increments all address bits, allowing the entire memory
array contents to be serially read during one operation. At
the end of the address space (address 1FFFh for array 0, 1Fh
for array 1), the counter “rolls o
ver” to address 0 and
the X76F640 continues to output data for each acknowl-
edge
received. Refer to figure 7 for the address, acknowl-
edge and data transfer sequence. An acknowledge must
follow each 8-bit data transfer. After the last bit has been
read, a stop condition is generated without a preceding
acknowledge.
Figure 6. Random Read
S
Data Y
S
COMMAND
Read
Password
7
Read
Password
0
S
SDA
Data X
Wait tWC OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
If ACK, then
Password Matches
7025 FM 11


Similar Part No. - X76F640AG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F640A XICOR-X76F640A Datasheet
94Kb / 17P
   Secure SerialFlash
X76F640A-2.7 XICOR-X76F640A-2.7 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F640AE XICOR-X76F640AE Datasheet
94Kb / 17P
   Secure SerialFlash
X76F640AE-2.7 XICOR-X76F640AE-2.7 Datasheet
94Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F640AG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F641 ICMIC-X76F641 Datasheet
153Kb / 17P
   Secure Serial Flash
X76F200 ICMIC-X76F200 Datasheet
389Kb / 16P
   Secure Serial Flash
logo
Macronix International
MX25L3255DXCI-10G MCNIX-MX25L3255DXCI-10G Datasheet
2Mb / 53P
   SECURE SERIAL FLASH SPECIFICATION
logo
ORing Industrial Networ...
IDS-4312 ORING-IDS-4312 Datasheet
270Kb / 5P
   Industrial 1 secure serial port
logo
Catalyst Semiconductor
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
   RF SECURE ACCESS Serial E2PROM
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
   DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com