Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSA67B Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LSA67B
Description  Lead (Pb) Free Product - RoHS Compliant
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSA67B Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LSA67B Datasheet HTML 6Page - OSRAM GmbH LSA67B Datasheet HTML 7Page - OSRAM GmbH LSA67B Datasheet HTML 8Page - OSRAM GmbH LSA67B Datasheet HTML 9Page - OSRAM GmbH LSA67B Datasheet HTML 10Page - OSRAM GmbH LSA67B Datasheet HTML 11Page - OSRAM GmbH LSA67B Datasheet HTML 12Page - OSRAM GmbH LSA67B Datasheet HTML 13Page - OSRAM GmbH LSA67B Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2006-03-17
10
LS A67B, LO A67B, LY A67B
Empfohlenes Lötpaddesign
8)
Seite 15
Wellenlöten (TTW)
Recommended Solder Pad8) page 15
TTW Soldering
Empfohlenes Lötpaddesign
8)
Seite 15
IR Reflow Löten
Recommended Solder Pad8) page 15
IR Reflow Soldering
OHPY1302
4.2 (0.165)
1.7 (0.067)
Solder resist
Padgeometrie für
Paddesign for
improved heat dissipation
verbesserte Wärmeableitung
Pick up Area
Lötstopplack
Cu Fläche
Cu-area
> 16 mm per pad
2
3.7 (0.146)
1.2 (0.047)
Cu-area > 16 mm
Cu-Fläche > 16 mm
Paddesign
for improved
heat dissipation
Wärmeableitung
für verbesserte
Padgeometrie
Lötstopplack
Solder resist
OHLPY965
2
2


Similar Part No. - LSA67B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSA670 SIEMENS-LSA670 Datasheet
61Kb / 8P
   SIDELED
logo
OSRAM GmbH
LSA670 OSRAM-LSA670 Datasheet
428Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
LSA670-HL SIEMENS-LSA670-HL Datasheet
61Kb / 8P
   SIDELED
LSA670-J SIEMENS-LSA670-J Datasheet
61Kb / 8P
   SIDELED
LSA670-JM SIEMENS-LSA670-JM Datasheet
61Kb / 8P
   SIDELED
More results

Similar Description - LSA67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com