Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

X24645 Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part No. X24645
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICMIC [IC MICROSYSTEMS]
Homepage  http://www.icmic.com
Logo 

X24645 Datasheet(HTML) 1 Page - IC MICROSYSTEMS

 
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Advanced 2-Wire Serial E
2
PROM with Block Lock
TM Protection
64K
8192 x 8 Bit
This X24645 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
©
Xicor, 1995, 1996 Patents Pending
Characteristics subject to change without notice
2783-3.5 5/13/96 T1/C0/D0 NS
1
X24645
FUNCTIONAL DIAGRAM
FEATURES
2.7V to 5.5V Power Supply
Low Power CMOS
—Active Read Current Less Than 1mA
—Active Write Current Less Than 3mA
—Standby Current Less Than 1∝A
Internally Organized 8192 x 8
New Programmable Block Lock Protection
—Software Write Protection
—Programmable hardware Write Protect
Block Lock (0, 1/4, 1/2, or all of the E
2
PROM
array)
2 Wire Serial Interface
Bidirectional Data Transfer Protocol
32 Byte Page Write Mode
—Minimizes Total Write Time Per Byte
Self Timed Write Cycle
—Typical Write Cycle Time of 5ms
High Reliability
—Endurance: 100,000 Cycles
—Data Retention: 100 Years
Available Packages
—8-Lead PDIP
—8-Lead SOIC (JEDEC)
—14-Lead SOIC (JEDEC)
—20-Lead TSSOP
DESCRIPTION
The X24645 is a CMOS 65,536-bit serial E
2
PROM,
internally organized 8192 x 8. The X24645 features a
serial interface and software protocol allowing operation
on a simple two wire bus.
Two device select inputs (S1, S2) allow up to four
devices to share a common two wire bus.
A Write Protect Register at the highest address location,
1FFFh, provides three new write protection
features: Software Write Protect, Block Write Protect, and
Hardware Write Protect. The Software Write
Protect feature prevents any nonvolatile writes to the
X24645 until the WEL bit in the write protect register is
set. The Block Write Protection feature allows the user to
individually write protect four blocks of the array by
programming two bits in the write protect register. The
Programmable Hardware Write Protect feature allows
the user to install the X24645 with WP tied to VCC,
program the entire memory array in place, and then
enable the hardware write protection by programming a
WPEN bit in the write protect register. After this,
selected blocks of the array, including the write protect
register itself, are permanently write protected, as long
as WP remains HIGH.
START
STOP
LOGIC
CONTROL
LOGIC
SLAVE ADDRESS
REGISTER
+COMPARATOR
H.V. GENERATION
TIMING &
CONTROL
WORD
ADDRESS
COUNTER
XDEC
YDEC
D
OUT
ACK
E
2
PROM
256 X 256
DATA REGISTER
START CYCLE
V
CC
R/W
PIN
V
SS
SDA
SCL
S
2
S
1
D
OUT
LOAD
INC
CK
8
2783 ILL F01
WRITE PROTECT
REGISTER AND
LOGIC
WP
ICmic
IC MICROSYSTEMS
TM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn