Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F641X-2.0 Datasheet(PDF) 9 Page - IC MICROSYSTEMS

Part # X76F641X-2.0
Description  Secure Serial Flash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F641X-2.0 Datasheet(HTML) 9 Page - IC MICROSYSTEMS

Back Button X76F641X-2.0 Datasheet HTML 5Page - IC MICROSYSTEMS X76F641X-2.0 Datasheet HTML 6Page - IC MICROSYSTEMS X76F641X-2.0 Datasheet HTML 7Page - IC MICROSYSTEMS X76F641X-2.0 Datasheet HTML 8Page - IC MICROSYSTEMS X76F641X-2.0 Datasheet HTML 9Page - IC MICROSYSTEMS X76F641X-2.0 Datasheet HTML 10Page - IC MICROSYSTEMS X76F641X-2.0 Datasheet HTML 11Page - IC MICROSYSTEMS X76F641X-2.0 Datasheet HTML 12Page - IC MICROSYSTEMS X76F641X-2.0 Datasheet HTML 13Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
X76F641
9
Figure 9. Reset Password
Figure 10. Reset Device
Reset Password
Reset
Password
7
Reset
Password
0
S
SDA
Wait tWC
OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
S
If ACK, then
Device reset
COMMAND
7025 FM 14
Reset Device
Reset
Password
7
Reset
Password
0
S
SDA
Wait tWC
OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
S
If ACK, then
Device reset
COMMAND
7025 FM 15
RESPONSE TO RESET (DEFAULT = 19 41 AA 55)
The ISO Response to reset is controlled by the RST and
CLK pins. When RST is pulsed high during a clock pulse,
the device will output 32 bits of data, one bit per clock,
and it resets to the standby state. This conforms to the
ISO standard for “synchronous response to reset”.
The part
must not be in a write cycle for the response to reset to
occur.
After initiating a nonvolatile write cycle the RST pin must
not be pulsed until the nonvolatile write cycle is complete.
If not, the ISO response will not be activated. If the RST
is pulsed HIGH and the CLK is within the RST pulse
(meet the tNOL spec.) in the middle of an ISO transaction,
it will output the 32 bit sequence again (starting at bit 0).
Otherwise, this aborts the ISO operation and the part
returns to standby state. If the RST is pulsed HIGH and the
CLK is outside the RST pulse (in the middle of an
ISO transaction), this aborts the ISO operation and the
part returns to standby state.
If there is power interrupted during the Response to
Reset, the response to reset will be aborted and the part
will return to the standby state. A Response to Reset is not
available during a nonvolatile write cycle.


Similar Part No. - X76F641X-2.0

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F641X-2.0 XICOR-X76F641X-2.0 Datasheet
116Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F641X-2.0

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F640 ICMIC-X76F640 Datasheet
350Kb / 17P
   Secure Serial Flash
X76F200 ICMIC-X76F200 Datasheet
389Kb / 16P
   Secure Serial Flash
logo
Macronix International
MX25L3255DXCI-10G MCNIX-MX25L3255DXCI-10G Datasheet
2Mb / 53P
   SECURE SERIAL FLASH SPECIFICATION
logo
ORing Industrial Networ...
IDS-4312 ORING-IDS-4312 Datasheet
270Kb / 5P
   Industrial 1 secure serial port
logo
Catalyst Semiconductor
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
   RF SECURE ACCESS Serial E2PROM
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
   DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com