Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F101PG-3.0 Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X76F101PG-3.0
Description  Secure SerialFlash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F101PG-3.0 Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X76F101PG-3.0 Datasheet HTML 1Page - IC MICROSYSTEMS X76F101PG-3.0 Datasheet HTML 2Page - IC MICROSYSTEMS X76F101PG-3.0 Datasheet HTML 3Page - IC MICROSYSTEMS X76F101PG-3.0 Datasheet HTML 4Page - IC MICROSYSTEMS X76F101PG-3.0 Datasheet HTML 5Page - IC MICROSYSTEMS X76F101PG-3.0 Datasheet HTML 6Page - IC MICROSYSTEMS X76F101PG-3.0 Datasheet HTML 7Page - IC MICROSYSTEMS X76F101PG-3.0 Datasheet HTML 8Page - IC MICROSYSTEMS X76F101PG-3.0 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©
Xicor, Inc. 1994, 1995, 1996 Patents Pending
7065 -1.1 4/17/98 T2/C0/D0 SH
1
Characteristics subject to change without notice
1K
X76F101
128 x 8 bit
Functional Diagram
Secure SerialFlash
FEATURES
•64-bit Password Security
•One Array (112 Bytes) Two Passwords
—Read Password
—Write Password
•Programmable Passwords
•32-bit Response to Reset (RST Input)
•8 byte Sector Write mode
•1MHz Clock Rate
•2 wire Serial Interface
•Low Power CMOS
—3.0 to 5.5V operation
—Standby current Less than 1µA
—Active current less than 3 mA
•High Reliability Endurance:
—100,000 Write Cycles
•Data Retention: 100 years
•Available in:
—8 lead PDIP, SOIC, MSOP and ISO Card
—SmartCard Module
DESCRIPTION
The X76F101 is a Password Access Security Supervisor,
containing one 896-bit Secure Serial Flash array. Access
to the memory array can be controlled by two 64-bit
passwords. These passwords protect read and write
operations of the memory array.
The X76F101 features a serial interface and software
protocol allowing operation on a popular two wire bus.
The bus signals are a clock Input (SCL) and a bidirectional
data input and output (SDA). Access to the
device is controlled through a chip select (CS) input,
allowing any number of devices to share the same bus.
The X76F101 also features a synchronous response to reset
providing an automatic output of a hard-wired 32-bit
data stream conforming to the industry standard for
memory cards.
The X76F101 utilizes Xicor’s proprietary Direct Write
TM
cell, providing a minimum endurance of 100,000 cycles and
a minimum data retention of 100 years.
CS
SCL
SDA
RST
8K BYTE
DATA TRANSFER
ARRAY ACCESS
ENABLE
RESET
RESPONSE REGISTER
PASSWORD ARRAY
AND PASSWORD
VERIFICATION LOGIC
CHIP ENABLE
RETRY COUNTER
SerialFlash ARRAY
32 BYTE
SerialFlash ARRAY
ARRAY 0
ARRAY 1
(PASSWORD PROTECTED)
(PASSWORD PROTECTED)
7025 FM 01
Logic
Interface
112 Byte
This X76F101 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X76F101PG-3.0

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F101-3 XICOR-X76F101-3 Datasheet
94Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F101PG-3.0

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com