Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7620T Datasheet(PDF) 5 Page - IC MICROSYSTEMS

Part # ICM7620T
Description  12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7620T Datasheet(HTML) 5 Page - IC MICROSYSTEMS

  ICM7620T Datasheet HTML 1Page - IC MICROSYSTEMS ICM7620T Datasheet HTML 2Page - IC MICROSYSTEMS ICM7620T Datasheet HTML 3Page - IC MICROSYSTEMS ICM7620T Datasheet HTML 4Page - IC MICROSYSTEMS ICM7620T Datasheet HTML 5Page - IC MICROSYSTEMS ICM7620T Datasheet HTML 6Page - IC MICROSYSTEMS ICM7620T Datasheet HTML 7Page - IC MICROSYSTEMS ICM7620T Datasheet HTML 8Page - IC MICROSYSTEMS ICM7620T Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ICM7620/7610/7600
Rev. A7
ICmic reserves the right to change specifications without prior notice
5
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V, VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
DC PERFORMANCE
ICM7620
N
Resolution
12
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.4
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
4.0
+12.0
LSB
ICM7610
N
Resolution
10
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.1
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
1.0
+3.0
LSB
ICM7600
N
Resolution
8
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.05
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
0.25
+0.75
LSB
STATIC ACCURACY
GE
Gain Error
+1.0
% of FS
OE
Offset Error
+35
mV
POWER REQUIREMENTS
VDD
Supply Voltage
2.7
5
5.5
V
IDD
Supply Current
Full Scale at VDD=5..5
300
700
A
Supply Current
Full Scale at VDD=3.6
200
550
A
Supply Current
In Shutdown
5
20
A
DC ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Vout
Output Voltage Range
(Notes 2 & 3)
0
VDD
V
VOSC
Short Circuit Current
60
150
mA
Output Line Regulation
VDD=2.7V to 5.5V
-3.0
0.4
3.0
mV/V
LOGIC INPUTS
VIH
Digital Input High
(Note 2)
0.5xVDD
V
VIL
Digital Input Low
(Note 2)
00.2xVDD
V
Digital Input Leakage
(Note 2)
5
A


Similar Part No. - ICM7620T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7655ITV INTERSIL-ICM7655ITV Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
More results

Similar Description - ICM7620T

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
logo
Analog Devices
AD5336 AD-AD5336_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5335 AD-AD5335_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com