Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7541M Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # ICM7541M
Description  12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7541M Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  ICM7541M Datasheet HTML 1Page - IC MICROSYSTEMS ICM7541M Datasheet HTML 2Page - IC MICROSYSTEMS ICM7541M Datasheet HTML 3Page - IC MICROSYSTEMS ICM7541M Datasheet HTML 4Page - IC MICROSYSTEMS ICM7541M Datasheet HTML 5Page - IC MICROSYSTEMS ICM7541M Datasheet HTML 6Page - IC MICROSYSTEMS ICM7541M Datasheet HTML 7Page - IC MICROSYSTEMS ICM7541M Datasheet HTML 8Page - IC MICROSYSTEMS ICM7541M Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICM7561/7541/7521
Rev. A6
ICmic reserves the right to change specifications without prior notice
1
12/10/8-Bit Low Power Single DAC
With Serial Interface and Voltage Output
FEATURES
12/10/8-Bit Single DAC in 08 Lead MSOP
Package
Ultra-Low Power Consumption
Guaranteed Monotonic
Wide Voltage Output Swing Buffer
Three-wire SPI/QSP and Microwire Interface
Compatible
Three Software-Selectable Power-Down Output
Impedances (1 K Ohm, 100 K Ohm and Hi-Z)
Schmitt-Triggered Inputs for Direct Interfacing to
Opto-couplers
APPLICATION
Battery-Powered Applications
Industrial Process Control
Digital Gain and Offset Adjustment
OVERVIEW
The ICM7561, ICM7541 and ICM7521 are 12-Bit, 10-Bit
and 8-Bit Voltage Output, Low Power, Single DACs
respectively, with guaranteed monotonic behavior. These
DACs are available in 8 Lead MSOP package. They have
three
Software-Selectable
Power-Down
Output
Impedances (1 K Ohm, 100 K Ohm and Hi-Z) as additional
safety feature for applications that drive transducers or
valves. The operating supply range is 2.7V to 5.5V.
The input interface is an easy to use three-wire SPI, QSPI
and Microwire compatible interface. The DAC has Schmitt-
Triggered Inputs for Direct Interfacing to Opto-couplers
easily.
BLOCK DIAGRAM
INPUT CONTROL LOGIC, REGISTERS AND LATCHES
INPUT
REGISTER
REFIN
VO
SDI
SCK
ICM7561/7541/7521
CS
DAC
REGISTER
DAC
x 2
RESISTOR
NETWORK
POWER DOWN CONTROL
IC MICROSYSTEMS
ICmic


Similar Part No. - ICM7541M

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7542 ICMIC-ICM7542 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
ICM7542M ICMIC-ICM7542M Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
ICM7542MG ICMIC-ICM7542MG Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
ICM7543 ICMIC-ICM7543 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
ICM7543M ICMIC-ICM7543M Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
More results

Similar Description - ICM7541M

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7712 ICMIC-ICM7712 Datasheet
333Kb / 9P
   12-Bit 1.2v Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5722 MAXIM-MAX5722 Datasheet
686Kb / 14P
   12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5104 MAXIM-MAX5104 Datasheet
119Kb / 12P
   Low-Power, Dual, Voltage-Output, 12-Bit DAC with Serial Interface
Rev 0; 11/99
logo
IC MICROSYSTEMS
ICM7722 ICMIC-ICM7722 Datasheet
137Kb / 10P
   12-Bit 1.2v Low Power Dual DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5721 MAXIM-MAX5721 Datasheet
643Kb / 14P
   10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com