Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7332Q Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # ICM7332Q
Description  DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7332Q Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  ICM7332Q Datasheet HTML 1Page - IC MICROSYSTEMS ICM7332Q Datasheet HTML 2Page - IC MICROSYSTEMS ICM7332Q Datasheet HTML 3Page - IC MICROSYSTEMS ICM7332Q Datasheet HTML 4Page - IC MICROSYSTEMS ICM7332Q Datasheet HTML 5Page - IC MICROSYSTEMS ICM7332Q Datasheet HTML 6Page - IC MICROSYSTEMS ICM7332Q Datasheet HTML 7Page - IC MICROSYSTEMS ICM7332Q Datasheet HTML 8Page - IC MICROSYSTEMS ICM7332Q Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ICM7372/7352/7332
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
with Serial Interface and Adjustable Output Offset
Rev. A10
ICmic reserves the right to change the specifications without prior notice.
2
IC MICROSYSTEMS
ICmic
PACKAGE
16 Lead QSOP
AGND
1
16
VDD
VOA
2
15
VOB
OSA
3
14
OSB
REFA
4
13
REFB
CLR
5
12
N/C
CS
6
11
REFOUT
SDI
7
10
SDO
SCK
8
9
DGND
TOP VIEW
PIN DESCRIPTION (16 Lead QSOP)
Pin
Name
I/O
Description
1
AGND
I
Analog Ground
2
VOA
O
DAC A Output Voltage
3
OSA
I
DAC A Offset Adjustment
4
REFA
I
Reference Voltage Input to DAC A
5
CLR
I
Active Low Clear Input (CMOS). Resets All Registers to Zero. DAC outputs go to 0 V
6
CS
I
Active Low Chip Select (CMOS)
7
SDI
I
Serial Data Input (CMOS)
8
SCK
I
Serial Clock Input (CMOS)
9
DGND
I
Digital Ground
10
SDO
O
Serial data Output
11
REFOUT
O
Reference Output
12
N/C
-
No Connection
13
REFB
I
Reference Voltage Input to DAC B
14
OSB
I
DAC B Offset Adjustment
15
VOB
O
DAC B Output Voltage
16
VDD
I
Supply Voltage


Similar Part No. - ICM7332Q

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7333 ICMIC-ICM7333 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7333Q ICMIC-ICM7333Q Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7333QG ICMIC-ICM7333QG Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7337B ICMIC-ICM7337B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7337BQ ICMIC-ICM7337BQ Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
More results

Similar Description - ICM7332Q

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7373 ICMIC-ICM7373 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com