Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7357B Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # ICM7357B
Description  Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7357B Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  ICM7357B Datasheet HTML 1Page - IC MICROSYSTEMS ICM7357B Datasheet HTML 2Page - IC MICROSYSTEMS ICM7357B Datasheet HTML 3Page - IC MICROSYSTEMS ICM7357B Datasheet HTML 4Page - IC MICROSYSTEMS ICM7357B Datasheet HTML 5Page - IC MICROSYSTEMS ICM7357B Datasheet HTML 6Page - IC MICROSYSTEMS ICM7357B Datasheet HTML 7Page - IC MICROSYSTEMS ICM7357B Datasheet HTML 8Page - IC MICROSYSTEMS ICM7357B Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ICM7377B/7357B/7337B
Quad 12/10/8-Bit Voltage Output DACs
with Serial Interface and Adjustable Output Gain
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
2
IC MICROSYSTEMS
ICmic
PACKAGE
20 Lead QSOP
VDD
1
20
AGND
FBA
2
19
FBD
VOA
3
18
VOD
VOB
4
17
VOC
FBB
5
16
FBC
REFAB
6
15
REFCD
CLR
7
14
N/C
CS
8
13
REFOUT
SDI
9
12
SDO
SCK
10
11
DGND
TOP VIEW
PIN DESCRIPTION (20 Lead QSOP)
Pin
Name
I/O
Description
1
VDD
I
Supply Voltage
2
FBA
I
Inverting Input of The Output Amplifier DAC A. Output Amplifier Feedback Input.
3
VOA
O
DAC A Output Voltage
4
VOB
O
DAC B Output Voltage
5
FBB
I
Inverting Input of The Output Amplifier DAC B. Output Amplifier Feedback Input.
6
REFAB
I
Reference Voltage Input for DAC A and DAC B
7
CLR
I
Active Low Clear Input (CMOS). Resets All Registers to Zero. DAC outputs go to 0 V
8
CS
I
Active Low Chip Select (CMOS)
9
SDI
I
Serial Data Input (CMOS)
10
SCK
I
Serial Clock Input (CMOS)
11
DGND
I
Digital Ground
12
SDO
O
Serial Data Output
13
REFOUT
O
Reference Output
14
N/C
-
No Connection
15
REFCD
I
Reference Voltage Input for DAC C and DAC D
16
FBC
I
Inverting Input of The Output Amplifier DAC C. Output Amplifier Feedback Input.
17
VOC
O
DAC C Output Voltage
18
VOD
O
DAC D Output Voltage
19
FBD
I
Inverting Input of The Output Amplifier DAC D. Output Amplifier Feedback Input.
20
AGND
I
Analog Ground


Similar Part No. - ICM7357B

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7352 ICMIC-ICM7352 Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
ICM7352Q ICMIC-ICM7352Q Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
ICM7352QG ICMIC-ICM7352QG Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
ICM7353 ICMIC-ICM7353 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7353Q ICMIC-ICM7353Q Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
More results

Similar Description - ICM7357B

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7373 ICMIC-ICM7373 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7372 ICMIC-ICM7372 Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
logo
IC MICROSYSTEMS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com