Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7342M Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # ICM7342M
Description  DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7342M Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  ICM7342M Datasheet HTML 1Page - IC MICROSYSTEMS ICM7342M Datasheet HTML 2Page - IC MICROSYSTEMS ICM7342M Datasheet HTML 3Page - IC MICROSYSTEMS ICM7342M Datasheet HTML 4Page - IC MICROSYSTEMS ICM7342M Datasheet HTML 5Page - IC MICROSYSTEMS ICM7342M Datasheet HTML 6Page - IC MICROSYSTEMS ICM7342M Datasheet HTML 7Page - IC MICROSYSTEMS ICM7342M Datasheet HTML 8Page - IC MICROSYSTEMS ICM7342M Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICM7362/7342/7322
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice
.
1
IC MICROSYSTEMS
ICmic
FEATURES
12/10/8-Bit Monotonic Dual DACs in 10 lead
MSOP Package
Wide Output Voltage Swing
100 µA per DAC
On Board Reference
Serial Interface with three-wire SPI/QSPI and
Microwire Interface Compatible
8µs Full-Scale Settling Time
APPLICATIONS
Battery-Powered Applications
Industrial Process Control
Digital Gain and Offset Adjustment
OVERVIEW
The ICM7362, ICM7342 and ICM7322 are Dual 12-Bit, 10-
Bit and 8-Bit wide output voltage swing DACs respectively,
with guaranteed monotonic behavior. They include a
1.25V reference for ease of use and flexibility. The
reference output is available on a separate pin and can be
used to drive the reference input of each DAC. Alternately,
each DAC can be driven by an external reference. The
operating supply range is 2.7V to 5.5V.
The input interface is an easy to use three-wire SPI/QSPI
compatible interface. Each DAC can be individually
controlled and has a double buffered digital input.
BLOCK DIAGRAM
Input Control Logic, Registers and Latches
ICM 7362/7342/7322
x2
12/10/8 -Bit
DAC B
x2
12/10/8 -Bit
DAC A
Reference
Input and
DAC Latch
Input and
DAC Latch
REFOUT
Power-On-
Reset
SDI
VDD
REFA
REFB
VOUT B
GND
CS
SCK
VOUT A


Similar Part No. - ICM7342M

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7341 ICMIC-ICM7341 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341M ICMIC-ICM7341M Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341MG ICMIC-ICM7341MG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341S ICMIC-ICM7341S Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341SG ICMIC-ICM7341SG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results

Similar Description - ICM7342M

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
logo
Analog Devices
LTC2633 AD-LTC2633 Datasheet
971Kb / 24P
   Dual 12-/10-/8-Bit I2C DACs
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
logo
IC MICROSYSTEMS
ICM7373 ICMIC-ICM7373 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com