Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC138M Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74VHC138M
Description  3 TO 8 LINE DECODER INVERTING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC138M Datasheet(HTML) 5 Page - STMicroelectronics

  74VHC138M Datasheet HTML 1Page - STMicroelectronics 74VHC138M Datasheet HTML 2Page - STMicroelectronics 74VHC138M Datasheet HTML 3Page - STMicroelectronics 74VHC138M Datasheet HTML 4Page - STMicroelectronics 74VHC138M Datasheet HTML 5Page - STMicroelectronics 74VHC138M Datasheet HTML 6Page - STMicroelectronics 74VHC138M Datasheet HTML 7Page - STMicroelectronics 74VHC138M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
WAVEFORM 2: PROPAGATION DELAYS FOR NON-INVERTING OUTPUTS (f=1MHz; 50% duty cycle)
WAVEFORM 1: PROPAGATION DELAYS FOR INVERTING OUTPUTS (f=1MHz; 50% duty cycle)
74VHC138
5/8


Similar Part No. - 74VHC138M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC138M FAIRCHILD-74VHC138M Datasheet
65Kb / 7P
   3-to-8 Decoder/Demultiplexer
logo
ON Semiconductor
74VHC138M ONSEMI-74VHC138M Datasheet
170Kb / 9P
   3-to-8 Decoder/Demultiplexer
Revised April 1999
logo
Fairchild Semiconductor
74VHC138MTC FAIRCHILD-74VHC138MTC Datasheet
65Kb / 7P
   3-to-8 Decoder/Demultiplexer
logo
ON Semiconductor
74VHC138MTC ONSEMI-74VHC138MTC Datasheet
170Kb / 9P
   3-to-8 Decoder/Demultiplexer
Revised April 1999
logo
Fairchild Semiconductor
74VHC138MTCX FAIRCHILD-74VHC138MTCX Datasheet
65Kb / 7P
   3-to-8 Decoder/Demultiplexer
More results

Similar Description - 74VHC138M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
   3 TO 8 LINE DECODER INVERTING
April 2001
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
   3 TO 8 LINE DECODER (INVERTING)
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
M54HC138 STMICROELECTRONICS-M54HC138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com