Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV21AD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV21AD
Description  DUAL 4-INPUT POSITIVE-AND GATES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV21AD Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LV21AD Datasheet HTML 3Page - Texas Instruments SN74LV21AD Datasheet HTML 4Page - Texas Instruments SN74LV21AD Datasheet HTML 5Page - Texas Instruments SN74LV21AD Datasheet HTML 6Page - Texas Instruments SN74LV21AD Datasheet HTML 7Page - Texas Instruments SN74LV21AD Datasheet HTML 8Page - Texas Instruments SN74LV21AD Datasheet HTML 9Page - Texas Instruments SN74LV21AD Datasheet HTML 10Page - Texas Instruments SN74LV21AD Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Similar Part No. - SN74LV21AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV21AD TI-SN74LV21AD Datasheet
325Kb / 13P
[Old version datasheet]   DUAL 4-INPIT POSITIVE-AND GATES
SN74LV21AD TI-SN74LV21AD Datasheet
384Kb / 16P
[Old version datasheet]   DUAL 4-INPIT POSITIVE-AND GATES
SN74LV21AD TI-SN74LV21AD Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN74LV21AD TI-SN74LV21AD Datasheet
506Kb / 15P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN74LV21ADBR TI-SN74LV21ADBR Datasheet
325Kb / 13P
[Old version datasheet]   DUAL 4-INPIT POSITIVE-AND GATES
More results

Similar Description - SN74LV21AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
   DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
   Dual 4-input Positive AND Gates
logo
Hitachi Semiconductor
HD74LV21A HITACHI-HD74LV21A Datasheet
54Kb / 12P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
SN54LS21 TI1-SN54LS21_15 Datasheet
840Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54ALS21A TI1-SN54ALS21A_18 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LS21 TI-SN54LS21 Datasheet
509Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI-SN54F21 Datasheet
67Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI1-SN54F21_12 Datasheet
388Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
54AC11021 TI-54AC11021 Datasheet
64Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com