Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5762R Datasheet(PDF) 4 Page - Analog Devices

Part # AD5762R
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5762R Datasheet(HTML) 4 Page - Analog Devices

  AD5762R Datasheet HTML 1Page - Analog Devices AD5762R Datasheet HTML 2Page - Analog Devices AD5762R Datasheet HTML 3Page - Analog Devices AD5762R Datasheet HTML 4Page - Analog Devices AD5762R Datasheet HTML 5Page - Analog Devices AD5762R Datasheet HTML 6Page - Analog Devices AD5762R Datasheet HTML 7Page - Analog Devices AD5762R Datasheet HTML 8Page - Analog Devices AD5762R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AD5762R
Preliminary Technical Data
Rev. PrA | Page 4 of 33
SPECIFICATIONS
AVDD = 11.4 V to 16.5 V, AVSS = −11.4 V to −16.5 V, AGND = DGND = REFGND = PGND = 0 V; REFA, REFB = 5 V external;
DVCC = 2.7 V to 5.25 V, RLOAD = 10 kΩ, CL = 200 pF. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
C Grade2
Unit
Test Conditions/Comments
ACCURACY
Outputs unloaded
Resolution
16
Bits
Relative Accuracy (INL)
±1
LSB max
Differential Nonlinearity
±1
LSB max
Guaranteed monotonic
Bipolar Zero Error
±2
mV max
At 25°C; error at other temperatures
obtained using bipolar zero TC
Bipolar Zero TC3
±2
ppm FSR/°C max
Zero-Scale Error
±2
mV max
At 25°C; error at other temperatures
obtained using zero scale TC
Zero-Scale TC3
±2
ppm FSR/°C max
Gain Error
±0.02
% FSR max
At 25°C; error at other temperatures
obtained using gain TC
Gain TC3
±2
ppm FSR/°C max
DC Crosstalk3
0.5
LSB max
REFERENCE INPUT/OUTPUT
Reference Input3
Reference Input Voltage
5
V nominal
±1% for specified performance
DC Input Impedance
1
MΩ min
Typically 100 MΩ
Input Current
±10
µA max
Typically ±30 nA
Reference Range
1/7
V min/V max
Reference Output
Output Voltage
4.997/5.003
V min/V max
At 25°C
Reference TC
±10
ppm/°C max
Load3
1
M
Ω min
Output Noise3
(0.1 Hz to 10 Hz)
18
µV p-p typ
Noise Spectral Density3
75
nV/√Hz typ
At 10 kHz
Output Voltage Drift vs. Time
±40
ppm/500hr typ
Output Voltage Drift vs. Time
±50
ppm/1000hr typ
Line Regulation
TBD
ppm/V typ
Load Regulation
TBD
ppm/mA typ
Thermal Hysteresis
TBD
ppm typ
OUTPUT CHARACTERISTICS3
Output Voltage Range4
±10.5263
V min/V max
AVDD/AVSS = ±11.4 V, REFA, REFB = 5V
±14
V min/V max
AVDD/AVSS = ±16.5 V, REFA, REFB = 7V
Output Voltage Drift vs. Time
±13
ppm FSR/500 hours typ
±15
ppm FSR/1000 hours typ
Short Circuit Current
10
mA typ
RISCC = 6 kΩ, see Figure 31
Load Current
±1
mA max
For specified performance
Capacitive Load Stability
RL = ∞
200
pF max
RL = 10 kΩ
1000
pF max
DC Output Impedance
0.3
Ω max


Similar Part No. - AD5762R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5762R AD-AD5762R Datasheet
704Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
AD5762RCSUZ AD-AD5762RCSUZ Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5762RCSUZ AD-AD5762RCSUZ Datasheet
704Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
AD5762RCSUZ-REEL7 AD-AD5762RCSUZ-REEL7 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5762RCSUZ-REEL7 AD-AD5762RCSUZ-REEL7 Datasheet
704Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
More results

Similar Description - AD5762R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5762R AD-AD5762R_16 Datasheet
704Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5763 AD-AD5763 Datasheet
300Kb / 31P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
Rev. PrA
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764 AD-AD5764 Datasheet
266Kb / 27P
   Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrC 21-Oct-0
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com