Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC610101B016ML Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC610101B016ML
Description  Voltage Detector (VDF=1.6V~5.0V)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC610101B016ML Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC610101B016ML Datasheet HTML 15Page - Torex Semiconductor XC610101B016ML Datasheet HTML 16Page - Torex Semiconductor XC610101B016ML Datasheet HTML 17Page - Torex Semiconductor XC610101B016ML Datasheet HTML 18Page - Torex Semiconductor XC610101B016ML Datasheet HTML 19Page - Torex Semiconductor XC610101B016ML Datasheet HTML 20Page - Torex Semiconductor XC610101B016ML Datasheet HTML 21Page - Torex Semiconductor XC610101B016ML Datasheet HTML 22Page - Torex Semiconductor XC610101B016ML Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) N-ch Driver Output Current vs. VDS
(5) N-ch Driver Output Current vs. Input Voltage
* ‘X’ represents both ‘0’ and ‘1’. (ex. XC61X1⇒XC6101 and XC6111)
(3.2) Detect, Release Voltage vs. Input Voltage (VDFH) (Continued)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
01
23
45
6
Input Voltage: VIN (V)
Rpull:100kΩ
Ta=-40℃
   25℃
   85℃
↑:VDF
↓:VDR
XC6103~XC6107 (5.0V)
0
1
2
3
4
5
6
01
23
VDS (V)
XC61X1~XC61X7
Ta=25℃
VIN=1.0V
VIN=2.0V
0
4
8
12
16
20
01
234
5
6
VDS (V)
XC61X1~XC61X7
Ta=25℃
VIN=4.0V
VIN=3.0V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
012
3456
Input Voltage: VIN (V)
Ta=85℃
Ta=25℃
Ta=-40℃
VDS=0.5V
XC61X1~XC61X7
Input Voltage: VIN (V)


Similar Part No. - XC610101B016ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A016 TOREX-XC6101A016 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A017 TOREX-XC6101A017 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A018 TOREX-XC6101A018 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A019 TOREX-XC6101A019 Datasheet
521Kb / 26P
   CMOS Voltage Detector
More results

Similar Description - XC610101B016ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6121 TOREX-XC6121_1 Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121_1A TOREX-XC6121_1A Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121 TOREX-XC6121 Datasheet
425Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
logo
Golledge Electronics Lt...
MCSO1HV GOLLEDGE-MCSO1HV_18 Datasheet
566Kb / 4P
   5.0V supply voltage
MCSO1H GOLLEDGE-MCSO1H Datasheet
566Kb / 4P
   5.0V supply voltage
logo
List of Unclassifed Man...
PT7V2727 ETC1-PT7V2727 Datasheet
294Kb / 5P
   3.3v/5.0v operating voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com