Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII3124ACBHU Datasheet(PDF) 71 Page - Silicon image

Part # SII3124ACBHU
Description  PCI-X to Serial ATA Controller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII3124ACBHU Datasheet(HTML) 71 Page - Silicon image

Back Button SII3124ACBHU Datasheet HTML 67Page - Silicon image SII3124ACBHU Datasheet HTML 68Page - Silicon image SII3124ACBHU Datasheet HTML 69Page - Silicon image SII3124ACBHU Datasheet HTML 70Page - Silicon image SII3124ACBHU Datasheet HTML 71Page - Silicon image SII3124ACBHU Datasheet HTML 72Page - Silicon image SII3124ACBHU Datasheet HTML 73Page - Silicon image SII3124ACBHU Datasheet HTML 74Page - Silicon image SII3124ACBHU Datasheet HTML 75Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
PCI-X to Serial ATA Controller
Data Sheet
Silicon Image, Inc.
© 2006 Silicon Image, Inc.
SiI-DS-0160-C
71
Reserved
Reserved
This register is used to report the interrupt status. The status bits in the upper half of the register report the described
condition. The status bits in the lower half of the register are masked by the corresponding interrupt enable bits or by the
setting in the corresponding threshold registers. Writing a 1 to either interrupt status bit clears it.
Bit [31:28,15:12]
: Reserved (R). These bits are reserved.
Bit [27/11]
: SDB Notify (W1C). This bit indicates that a Set Device Bits FIS was received with the N-bit (bit 15
of first dword) set to one.
Bit [26/10]
: Handshake Error Threshold (W1C). This bit indicates that the Handshake error count is equal to or
greater than the Handshake error threshold. Bit 10 is masked if the Handshake Error Threshold register contains
a zero threshold setting. When a 1 is written to this bit, both the status bit and the Handshake Error Counter are
cleared.
Bit [25/9]
: CRC Error Threshold (W1C). This bit indicates that the CRC error count is equal to or greater than
the CRC error threshold. Bit 9 is masked if the CRC Error Threshold register contains a zero threshold setting.
When a 1 is written to this bit, both the status bit and the CRC Error Counter are cleared.
Bit [24/8]
: 8b/10b Decode Error Threshold (W1C). This bit indicates that the 8b/10b Decode error count is
equal to or greater than the 8b/10b Decode error threshold.
Bit 8 is masked if the 8b/10b Decode Error
Threshold register contains a zero threshold setting. When a 1 is written to this bit, both the status bit and the
8b/10b Decode Error Counter are cleared.
Bit [23/7]
: DevExchg (Device Exchanged) (W1C) – This bit is the X bit in the DIAG field of the SError register. It
may be cleared by writing a corresponding one bit to either register.
Bit [22/6]
: UnrecFIS (Unrecognized FIS Type) (W1C) – This bit is the F bit in the DIAG field of the SError
register. It may be cleared by writing a corresponding one bit to either register.
Bit [21/5]
: ComWake (W1C) – This bit is the W bit in the DIAG field of the SError register. It may be cleared by
writing a corresponding one bit to either register.
Bit [20/4]
: PhyRdyChg (W1C) – This bit is the N bit in the DIAG field of the SError register. It may be cleared by
writing a corresponding one bit to either register.
Bit [19/3]
: PM Change (W1C). This bit indicates that a change has occurred in the power management state.
Bit [18/2]
:
Port Ready (W1C).
This bit indicates that the port has become ready to accept and execute
commands. This status indicates that Port Ready (bit 31 in the Port Status register) has made a 0 to 1 transition.
Clearing this status does not change the Port Ready bit in the Port Status register and this status is not set
subsequently until the Port Ready bit changes state.
Bit [17/1]
: Command Error (W1C). This bit indicates that an error occurred during command execution. The
error type can be determined via the port error register.
Bit [16/0]
:
Command Completion (W1C).
This bit indicates that one or more commands have completed
execution.


Similar Part No. - SII3124ACBHU

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3114 SILICONIMAGE-SII3114 Datasheet
695Kb / 2P
   SATALink PCI-X to 4-Port Host Controller
SII3114 SILICONIMAGE-SII3114 Datasheet
559Kb / 127P
   PCI to Serial ATA Controller
SII3114CT176 SILICONIMAGE-SII3114CT176 Datasheet
559Kb / 127P
   PCI to Serial ATA Controller
SII3114CTU SILICONIMAGE-SII3114CTU Datasheet
559Kb / 127P
   PCI to Serial ATA Controller
SII3114 SILICONIMAGE-SII3114_07 Datasheet
559Kb / 127P
   PCI to Serial ATA Controller
More results

Similar Description - SII3124ACBHU

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3512 SILICONIMAGE-SII3512 Datasheet
586Kb / 2P
   PCI to Serial ATA Controller
SII3114 SILICONIMAGE-SII3114_07 Datasheet
559Kb / 127P
   PCI to Serial ATA Controller
logo
Intel Corporation
EW31244SL7QV INTEL-EW31244SL7QV Datasheet
3Mb / 252P
   Intel짰 31244 PCI-X to Serial ATA Controller
logo
Silicon image
SII3531A SILICONIMAGE-SII3531A Datasheet
524Kb / 81P
   PCI Express to Serial ATA Controller
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
   PCI to IDE/ATA
logo
Applied Micro Circuits ...
JNIC-1460 AMCC-JNIC-1460 Datasheet
104Kb / 2P
   Fibre Channel-to-PCI/PCI-X ASIC Controller
logo
List of Unclassifed Man...
SIL3811 ETC2-SIL3811 Datasheet
302Kb / 1P
   Serial ATA to Parallel ATA Module
logo
Silicon image
SII3114 SILICONIMAGE-SII3114 Datasheet
695Kb / 2P
   SATALink PCI-X to 4-Port Host Controller
logo
PLX Technology
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
   PCI Express-to-PCI/PCI-X Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com