Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII3124ACBHU Datasheet(PDF) 59 Page - Silicon image

Part # SII3124ACBHU
Description  PCI-X to Serial ATA Controller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII3124ACBHU Datasheet(HTML) 59 Page - Silicon image

Back Button SII3124ACBHU Datasheet HTML 55Page - Silicon image SII3124ACBHU Datasheet HTML 56Page - Silicon image SII3124ACBHU Datasheet HTML 57Page - Silicon image SII3124ACBHU Datasheet HTML 58Page - Silicon image SII3124ACBHU Datasheet HTML 59Page - Silicon image SII3124ACBHU Datasheet HTML 60Page - Silicon image SII3124ACBHU Datasheet HTML 61Page - Silicon image SII3124ACBHU Datasheet HTML 62Page - Silicon image SII3124ACBHU Datasheet HTML 63Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
PCI-X to Serial ATA Controller
Data Sheet
Silicon Image, Inc.
© 2006 Silicon Image, Inc.
SiI-DS-0160-C
59
7.1.17 MSI Message Data
Address Offset: 60H
Access Type: Read/Write
Reset Value: 0x0000_0000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
Reserved
Message Data
This register specifies the MSI Message Data. The register bits are defined below.
Bit [31:16]
: Reserved (R) – This bit field is reserved and returns zeros on a read.
Bit [15:00]
:
Message Data (R/W) – This bit field specifies the Message Data for an MSI memory write
transaction.
7.1.18 Power Management Capability
Address Offset: 64H
Access Type: Read Only
Reset Value: 0x0622_4001
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
PME Support
Auxiliary
Current
PPM Rev
Next Capability Pointer
Capability ID
This register defines the power management capabilities associated with the PCI bus. The register bits are defined below.
Bit [31:27]
: PME Support (R) – Power Management Event Support. This bit field is hardwired to 00H; the
SiI3124 does not support PME.
Bit [26]
: PPM D2 Support (R) – PCI Power Management D2 Support. This bit is hardwired to 1.
Bit [25]
: PPM D1 Support (R) – PCI Power Management D1 Support. This bit is hardwired to 1.
Bit [24:22]
: Auxiliary Current (R) – Auxiliary Current. This bit field is hardwired to 000B.
Bit [21]
: Dev Special Init (R) – Device Special Initialization. This bit is hardwired to 1 to indicate that the SiI3124
requires special initialization.
Bit [20]
: Reserved (R). This bit is reserved and returns zero on a read.
Bit [19]
: PME Clock (R) – Power Management Event Clock. This bit is hardwired to 0; the SiI3124 does not
support PME.
Bit [18:16]
: PPM Rev (R) – PCI Power Management Revision. This bit field is hardwired to 010B to indicate
compliance with the PCI Power Management Interface Specification revision 1.1.
Bit [15:08]
: Next Capability Pointer (R) – PCI Next Capability Pointer. This bit field is hardwired to 40H to point
to the 2
nd Capabilities register, the PCI-X Capability.
Bit [07:00]
: Capability ID (R) – PCI Capability ID. This bit field is hardwired to 01H to indicate that this is a PCI
Power Management Capability.
7.1.19 Power Management Control + Status
Address Offset: 68H
Access Type: Read/Write
Reset Value: 0x1900_2000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
PPM Data
Reserved
PPM Data Sel
Reserved


Similar Part No. - SII3124ACBHU

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3114 SILICONIMAGE-SII3114 Datasheet
695Kb / 2P
   SATALink PCI-X to 4-Port Host Controller
SII3114 SILICONIMAGE-SII3114 Datasheet
559Kb / 127P
   PCI to Serial ATA Controller
SII3114CT176 SILICONIMAGE-SII3114CT176 Datasheet
559Kb / 127P
   PCI to Serial ATA Controller
SII3114CTU SILICONIMAGE-SII3114CTU Datasheet
559Kb / 127P
   PCI to Serial ATA Controller
SII3114 SILICONIMAGE-SII3114_07 Datasheet
559Kb / 127P
   PCI to Serial ATA Controller
More results

Similar Description - SII3124ACBHU

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3512 SILICONIMAGE-SII3512 Datasheet
586Kb / 2P
   PCI to Serial ATA Controller
SII3114 SILICONIMAGE-SII3114_07 Datasheet
559Kb / 127P
   PCI to Serial ATA Controller
logo
Intel Corporation
EW31244SL7QV INTEL-EW31244SL7QV Datasheet
3Mb / 252P
   Intel짰 31244 PCI-X to Serial ATA Controller
logo
Silicon image
SII3531A SILICONIMAGE-SII3531A Datasheet
524Kb / 81P
   PCI Express to Serial ATA Controller
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
   PCI to IDE/ATA
logo
Applied Micro Circuits ...
JNIC-1460 AMCC-JNIC-1460 Datasheet
104Kb / 2P
   Fibre Channel-to-PCI/PCI-X ASIC Controller
logo
List of Unclassifed Man...
SIL3811 ETC2-SIL3811 Datasheet
302Kb / 1P
   Serial ATA to Parallel ATA Module
logo
Silicon image
SII3114 SILICONIMAGE-SII3114 Datasheet
695Kb / 2P
   SATALink PCI-X to 4-Port Host Controller
logo
PLX Technology
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
   PCI Express-to-PCI/PCI-X Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com