Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BPW34FA Datasheet(PDF) 3 Page - OSRAM GmbH

Part No. BPW34FA
Description  Si-PIN-Fotodiode mit Tageslichtsperrfilter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

BPW34FA Datasheet(HTML) 3 Page - OSRAM GmbH

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BPW 34 FA, BPW 34 FAS, BPW 34 FAS (R18R)
2004-03-10
3
Kurzschlußstrom,
E
e = 0.5 mW/cm
2
Short-circuit current
I
SC
23
µA
Anstiegs- und Abfallzeit des Fotostromes
Rise and fall time of the photocurrent
R
L = 50 Ω; VR = 5 V; λ = 850 nm; Ip = 800 µA
t
r, tf
20
ns
Durchlaßspannung,
I
F = 100 mA, E = 0
Forward voltage
V
F
1.3
V
Kapazität,
V
R = 0 V, f = 1 MHz, E = 0
Capacitance
C
0
72
pF
Temperaturkoeffizient von
V
O
Temperature coefficient of
V
O
TC
V
– 2.6
mV/K
Temperaturkoeffizient von
I
SC
Temperature coefficient of
I
SC
TC
I
0.03
%/K
Rauschäquivalente Strahlungsleistung
Noise equivalent power
V
R = 10 V
NEP
3.9
× 10– 14
Nachweisgrenze,
V
R = 10 V,
Detection limit
D*
6.8
× 1012
Kennwerte (
T
A = 25 °C, λ = 870 nm)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
W
Hz
------------
cm
Hz
×
W
--------------------------


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn