Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62RPP1502LB Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC62RPP1502LB
Description  Positive Voltage Regulators for Voltage Reference Source
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62RPP1502LB Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC62RPP1502LB Datasheet HTML 2Page - Torex Semiconductor XC62RPP1502LB Datasheet HTML 3Page - Torex Semiconductor XC62RPP1502LB Datasheet HTML 4Page - Torex Semiconductor XC62RPP1502LB Datasheet HTML 5Page - Torex Semiconductor XC62RPP1502LB Datasheet HTML 6Page - Torex Semiconductor XC62RPP1502LB Datasheet HTML 7Page - Torex Semiconductor XC62RPP1502LB Datasheet HTML 8Page - Torex Semiconductor XC62RPP1502LB Datasheet HTML 9Page - Torex Semiconductor XC62RPP1502LB Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6/14
XC62RP Series
TYPICAL APPLICATION CIRCUIT
NOTES ON USE
1. Please use with a load capacitance, CL, of less than 0.1μF and in 0.01μF steps.
2. Since short-circuit protection is not built-in, the IC may be damaged by rush current should the output pin be
connected to the Ground pin.
3. When the load capacitance, CL, is small, overshoot will be produced when the power is switched on.
4. As the output pin's current is only a few μA, output voltage will increase should output be pulled-up by means
of a resistor.
TEST CIRCUITS
Circuit 1
Circuit 2


Similar Part No. - XC62RPP1502LB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201 TOREX-XC6201 Datasheet
483Kb / 22P
   Positive Voltage Regulators
XC6201 TOREX-XC6201 Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201 TOREX-XC6201 Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201131DB TOREX-XC6201131DB Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201131DH TOREX-XC6201131DH Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC62RPP1502LB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN423 ETC-ZN423 Datasheet
240Kb / 8P
   PRECISION VOLTAGE REFERENCE SOURCE
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com