Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII3114CTU Datasheet(PDF) 11 Page - Silicon image

Part # SII3114CTU
Description  PCI to Serial ATA Controller
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII3114CTU Datasheet(HTML) 11 Page - Silicon image

Back Button SII3114CTU Datasheet HTML 7Page - Silicon image SII3114CTU Datasheet HTML 8Page - Silicon image SII3114CTU Datasheet HTML 9Page - Silicon image SII3114CTU Datasheet HTML 10Page - Silicon image SII3114CTU Datasheet HTML 11Page - Silicon image SII3114CTU Datasheet HTML 12Page - Silicon image SII3114CTU Datasheet HTML 13Page - Silicon image SII3114CTU Datasheet HTML 14Page - Silicon image SII3114CTU Datasheet HTML 15Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
SiI3114 PCI to Serial ATA Controller
Data Sheet
Silicon Image, Inc.
© 2007 Silicon Image, Inc.
3
SiI-DS-0103-D
• Configuration Read
• Configuration Write
• Memory Read
• Memory Write
All other PCI cycles are ignored by the SiI3114.
As a PCI master, the SiI3114 generates the following PCI bus operations:
• Memory Read Multiple
• Memory Read
• Memory Write
PCI Configuration Space
This section describes how the SiI3114 implements the required PCI configuration register space. The intent of
PCI configuration space definition is to provide an appropriate set of configuration registers that satisfy the needs
of current and anticipated system configuration mechanisms, without specifying those mechanisms or otherwise
placing constraints on their use. These registers allow for:
• Full device relocation (including interrupt binding)
• Installation, configurations, and booting without user interventions
• System address map construction by device-independent software
Figure 1 illustrates the address line assignments during the configuration cycle.
Figure 1. Address Lines During Configuration Cycle
The SiI3114 only responds to Type 0 configuration cycles. Type 1 cycles, which pass a configuration request on
to another PCI bus, are ignored.
The address phase during a SiI3114 configuration cycle indicates the function number and register number being
addressed which can be decoded by observing the status of the address lines AD[31:0].
The value of the signal lines AD[7:2] during the address phase of configuration cycles selects the register of the
configuration space to access. Valid values are between 0 and 15, inclusive. Accessing registers outside this
range results in an all-0s value being returned on reads, and no action being taken on writes.
The Class Code register contains the Class Code, Sub-Class Code, and Register-Level Programming Interface
registers.
All writable bits in the configuration space except offset 44h, 8Ch are reset to their defaults by the hardware reset,
PCI RESET (RST#) asserted. After reset, the SiI3114 is disabled and will only respond to PCI configuration write
and PCI configuration read cycles.
Deviations from the Specification
The SiI3114 product has been developed and tested to the specification listed in this document. As a result of
testing and customer feedback, we may become aware of deviations to the specification that could affect the
component's operation. To ensure awareness of these deviations by anyone considering the use of the SiI3114,
we have included an Errata section at the end of this specification. Please ensure that the Errata section is
31
11 10
8 7
2 1
0
Bit
Number
Don’t Care
Bit
Number
3-Bit
Function
Number
6-Bit
Register
Number
2-Bit
Type
Number


Similar Part No. - SII3114CTU

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3114 SILICONIMAGE-SII3114 Datasheet
695Kb / 2P
   SATALink PCI-X to 4-Port Host Controller
More results

Similar Description - SII3114CTU

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3512 SILICONIMAGE-SII3512 Datasheet
586Kb / 2P
   PCI to Serial ATA Controller
SII3531A SILICONIMAGE-SII3531A Datasheet
524Kb / 81P
   PCI Express to Serial ATA Controller
SII3124A SILICONIMAGE-SII3124A Datasheet
591Kb / 88P
   PCI-X to Serial ATA Controller
logo
Intel Corporation
EW31244SL7QV INTEL-EW31244SL7QV Datasheet
3Mb / 252P
   Intel짰 31244 PCI-X to Serial ATA Controller
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
   PCI to IDE/ATA
logo
List of Unclassifed Man...
SIL3811 ETC2-SIL3811 Datasheet
302Kb / 1P
   Serial ATA to Parallel ATA Module
logo
Assmann Electronics Inc...
AK-SATA-SP-075-R ASSMANN-AK-SATA-SP-075-R Datasheet
84Kb / 1P
   Serial ATA (SATA) to Power Supply
AK-SATA-SP-100-R ASSMANN-AK-SATA-SP-100-R Datasheet
84Kb / 1P
   Serial ATA (SATA) to Power Supply
logo
List of Unclassifed Man...
VT83C572 ETC-VT83C572 Datasheet
53Kb / 9P
   PCI TO USB CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com