Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH5130 Datasheet(PDF) 4 Page - OSRAM GmbH

Part No. SFH5130
Description  Photodetektor mit Spannungsausgang Light to Voltage Converter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

SFH5130 Datasheet(HTML) 4 Page - OSRAM GmbH

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SFH 5130
2004-12-20
4
2)
The light source used is a 428 nm LED with following characteristics:
t
r > 1 µs, tf < 1 µs. The output waveform is
monitored on an osciloscope with
t
r > 100 ns, Zi = 1 MΩ, Ci < 20 pF. The rise time is defined as the time from the
10% to the 90% value, the fall time is defined as the time from the 90% to the 10% value.
3)
PSRR is defined as 20 log (
V
DD(f) / VO(f)) with VDD(0 Hz) = 4.5 V and VO(0 Hz) = 2 V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn