Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH5130 Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. SFH5130
Description  Photodetektor mit Spannungsausgang Light to Voltage Converter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

SFH5130 Datasheet(HTML) 1 Page - OSRAM GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 5130
Photodetektor mit Spannungsausgang
Light to Voltage Converter
Lead (Pb) Free Product - RoHS Compliant
2004-12-20
1
Wesentliche Merkmale
• Integrierter Fotodetektor mit linearem
Spannungsausgang
• Transparentes Plastikgehäuse mit 3 Pins
• Hohe Empfindlichkeit von 350 nm bis 1100 nm
• Runde Fotodiode
Anwendungen
• Lichtschranken
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 5130
on request
Sidelooker Gehäuse
Sidelooker Package
Features
• Integrated photodiode with linear voltage output
• Transparent sidelooker package with 3 pins
• High sensitivity from 350 nm to 1100 nm
• Circular photodiode
Applications
• Photointerrupter


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn