Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6207A122PR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6207A122PR
Description  High Speed "Green Operation" LDO Voltage Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6207A122PR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6207A122PR Datasheet HTML 1Page - Torex Semiconductor XC6207A122PR Datasheet HTML 2Page - Torex Semiconductor XC6207A122PR Datasheet HTML 3Page - Torex Semiconductor XC6207A122PR Datasheet HTML 4Page - Torex Semiconductor XC6207A122PR Datasheet HTML 5Page - Torex Semiconductor XC6207A122PR Datasheet HTML 6Page - Torex Semiconductor XC6207A122PR Datasheet HTML 7Page - Torex Semiconductor XC6207A122PR Datasheet HTML 8Page - Torex Semiconductor XC6207A122PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5/32
XC6207
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
VGO=VIN, VCE=VIN,
IOUT=10mA: High Speed (HS) mode
(*9)
E-0
(*9)
Output Voltage
VOUT(E)
(* 3)
VGO=VSS, VCE=VIN,
IOUT=0.1mA: Power Save (PS) mode
(*9)
E-1
(*9)
V
Maximum Output Current
IOUTMAX
VCE=VIN
300
-
-
mA
Load Regulation
VOUT
VGO=VIN (HS mode), VCE=VIN,
1mA≦IOUT≦100mA
-
15
60
mV
Vdif1
VGO=VIN, (HS mode), VCE=VIN,
IOUT=30mA
E-2
Dropout Voltage
(* 4)
Vdif2
VGO= VIN (HS mode), VCE=VIN,
IOUT=100mA
E-3
mV
Supply Current 1
ISS1
VGO=VIN (HS mode),
VIN=VCE=6.0V, No load
35
50
80
μA
Supply Current 2
ISS2
VGO=VSS (PS mode),
VIN=VCE=6.0V, No load
-
5.5
8.0
μA
Stand-by Current
ISTBY
VIN=6.0V, VCE=VSS
-
0
0.1
μA
Line Regulation
1.2V≦VOUT(T)<4.5V
VGO=VIN (HS mode),
VOUT(T)+1.0V<VIN<6.0V,
VCE=VIN, IOUT=30mA
Line Regulation
4.5V≦VOUT(T)≦5.0V
VOUT
VIN・VOUT
VGO=VIN (HS mode),
5.5V<VIN<6.0V,
VCE=VIN, IOUT=30mA
-
0.01
0.20
%/V
Input Voltage
VIN
-
2.0
-
6.0
V
Output Voltage
Temperature Characteristics
VOUT
Ta・VOUT
VGO=VIN (HS mode),
- 40℃<Ta<85℃, VCE=VIN, IOUT=30mA
-
±100
-
ppm/℃
Ripple Rejection Rate
1.2V≦VOUT(T)≦1.25V
VGO= VIN (HS mode), VCE=VIN,
IOUT=30mA,
VIN=2.25VDC+0.5Vp-pAC, f=1kHz
Ripple Rejection Rate
1.25V<VOUT(T)<4.75V
VGO= VIN (HS mode), VCE=VIN,
IOUT=30mA,
VIN={VOUT(T)+1.0V}VDC+0.5Vp-pAC,
f=1kHz
Ripple Rejection Rate
4.75V≦VOUT(T)≦5.0V
PSRR
VGO= VIN (HS mode), VCE=VIN,
IOUT=30mA,
VIN=5.75VDC+0.5Vp-pAC, f=1kHz
-
70
-
dB
Limit Current
Ilim
VGO=VIN (HS mode), VCE=VIN
300
380
-
mA
Short Current
Ishort
VGO=VIN (HS mode), VCE=VIN
VOUT is short-circuited at the VSS level.
-
50
-
mA
PS Switching Current
IGOR
VCE=VIN, VGO=VSS,
(HS/PS automatic switching)
IOUT: heavy to light load
0.3
-
-
mA
HS Switching Current
IGO
VCE=VIN, VGO=VSS,
(HS/PS automatic switching)
IOUT: light to heavy load
-
-
2.0
mA
■ELECTRICAL CHARACTERISTICS
Ta=25℃
●XC6207A/B series


Similar Part No. - XC6207A122PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207A122PR TOREX-XC6207A122PR Datasheet
712Kb / 30P
   CMOS Low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com