Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII1161CTU Datasheet(PDF) 9 Page - Silicon image

Part # SII1161CTU
Description  PanelLink Receiver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII1161CTU Datasheet(HTML) 9 Page - Silicon image

Back Button SII1161CTU Datasheet HTML 5Page - Silicon image SII1161CTU Datasheet HTML 6Page - Silicon image SII1161CTU Datasheet HTML 7Page - Silicon image SII1161CTU Datasheet HTML 8Page - Silicon image SII1161CTU Datasheet HTML 9Page - Silicon image SII1161CTU Datasheet HTML 10Page - Silicon image SII1161CTU Datasheet HTML 11Page - Silicon image SII1161CTU Datasheet HTML 12Page - Silicon image SII1161CTU Datasheet HTML 13Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
SiI 1161 PanelLink Receiver
Data Sheet
5
SiI-DS-0096-D
General AC Specifications
Table 2. General AC Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Notes
TDPS
Intra-Pair (+ to -) Differential Input Skew
165MHz
245
ps
1
TCCS
Channel to Channel Differential Input Skew
165MHz
4
ns
1
TIJIT
Worst Case Differential Input Clock Jitter
65 MHz
465
ps
2,3
tolerance
112 MHz
270
ps
165 MHz
182
ps
RCIP
ODCK Cycle Time (one pixel per clock)
6
40
ns
1
FCIP
ODCK Frequency (one pixel per clock)
one pixel per
clock
25
165
MHz
1
RCIP
ODCK Cycle Time (two pixels per clock)
12
80
ns
1
FCIP
ODCK Frequency (two pixels per clock)
two pixels per
clock
12.5
82.5
MHz
1
TDUTY
Output Clock Duty Cycle
40%
60%
7
TPDL
Delay PD# / PDO# Low to high-Z outputs
10
ns
1
THSC
Link disabled (DE inactive) to SCDT low
50
ms
1
TFSC
Link enabled (DE active) to SCDT high
4
10
DEedges
1
TCLKPD
Delay from RXC+ Inactive to high-Z outputs
10
µs
TCLKPU
Delay from RXC+ active to data active
100
µs
TST
ODCK high to even data output
0.25
RCIP
1
TI2CDVD
SDA Data Valid Delay from SCL high to low
transition
CL = 400pf
700
ns
5
TCTLW
Control Pulse Width
2
RCIP
6
TRESET
PD# Signal Low Time required for a valid I
2C
reset
10
µs
1
Notes
1.
Guaranteed by design.
2.
Jitter defined per DVI 1.0 Specification, Section 4.6 – Jitter Specification.
3.
Jitter measured with Clock Recovery Unit per DVI 1.0 Specification, Section 4.7 – Electrical Measurement
Procedures.
4.
Measured with transmitter powered down.
5.
All Standard Mode I
2C (100kHz and 400kHz) timing requirements are guaranteed by design.
6.
Control pulses include HSYNC, VSYNC, CTL1, CTL2 and CTL3. Pulses narrower than this minimum width
specification are filtered out in the receiver and will not be seen at the output pins.
7.
ODCK duty cycle is independent of the differential input clock duty cycle and the transmitter IDCK duty cycle.
DC and AC parameters specific to the operating mode of the SiI 1161 are listed on the following pages.
The output pin timing specifications are dependent on the selection of output drive capability. Specifications are
listed for two modes: SiI 161B mode, which requires no I2C initialization; and SiI 1161 mode, which allows for
optimization of input data recovery and output drive using I
2C programming. Designers should choose the mode
most suited to their board-level requirements.


Similar Part No. - SII1161CTU

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII1160 SILICONIMAGE-SII1160 Datasheet
944Kb / 33P
   PanelLink Transmitter
SII1160CTU SILICONIMAGE-SII1160CTU Datasheet
944Kb / 33P
   PanelLink Transmitter
SII1162 SILICONIMAGE-SII1162 Datasheet
172Kb / 2P
   PanelLink Transmitter
SII1169 SILICONIMAGE-SII1169 Datasheet
207Kb / 2P
   PanelLink Receiver
More results

Similar Description - SII1161CTU

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9993-35-IP SILICONIMAGE-SII9993-35-IP Datasheet
158Kb / 2P
   PanelLink Receiver
SII9011 SILICONIMAGE-SII9011 Datasheet
230Kb / 2P
   PanelLink Receiver
SII9031 SILICONIMAGE-SII9031 Datasheet
170Kb / 2P
   PanelLink Receiver
SII1151 SILICONIMAGE-SII1151 Datasheet
357Kb / 44P
   PanelLink Receiver
SII1169 SILICONIMAGE-SII1169 Datasheet
207Kb / 2P
   PanelLink Receiver
SII9021 SILICONIMAGE-SII9021 Datasheet
237Kb / 2P
   PanelLink Receiver
SII1171 SILICONIMAGE-SII1171 Datasheet
511Kb / 2P
   PanelLink Receiver
SII169 SILICONIMAGE-SII169 Datasheet
111Kb / 2P
   PanelLink Receiver
logo
List of Unclassifed Man...
SII161A ETC-SII161A Datasheet
260Kb / 22P
   SiI 161A PanelLink Receiver
SII141 ETC1-SII141 Datasheet
84Kb / 12P
   SiI 141B PanelLink Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com