Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII0680ACL144 Datasheet(PDF) 13 Page - Silicon image

Part # SII0680ACL144
Description  PCI to IDE/ATA
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII0680ACL144 Datasheet(HTML) 13 Page - Silicon image

Back Button SII0680ACL144 Datasheet HTML 9Page - Silicon image SII0680ACL144 Datasheet HTML 10Page - Silicon image SII0680ACL144 Datasheet HTML 11Page - Silicon image SII0680ACL144 Datasheet HTML 12Page - Silicon image SII0680ACL144 Datasheet HTML 13Page - Silicon image SII0680ACL144 Datasheet HTML 14Page - Silicon image SII0680ACL144 Datasheet HTML 15Page - Silicon image SII0680ACL144 Datasheet HTML 16Page - Silicon image SII0680ACL144 Datasheet HTML 17Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
SiI0680A PCI to IDE/ATA
Data Sheet
Silicon Image, Inc.
© 2006 Silicon Image, Inc.
SiI-DS-0069-C
13
1.10 PCI Configuration Space
This section describes how the PCI-680 implements the required PCI configuration register space. The intent is to provide an
appropriate set of configuration registers that satisfy the needs of current and anticipated system configuration mechanisms,
without specifying those mechanisms or otherwise placing constraints on their use. These registers allow for:
Full device relocation (including interrupt binding)
Installation, configuration, and booting without user interventions
System address map construction by device-independent software
Figure 1-2: Address Lines During Configuration Cycle
PCI-680 only responds to Type 0 configuration cycles. Type 1 cycles, which pass a configuration request on to another PCI
bus, are ignored.
The address phase during a PCI-680 configuration cycle indicates the function number and register number being addressed
which can be decoded by observing the status of the address lines AD[31:0].
The value of the signal lines AD[7:2] during the address phase of configuration cycles selects the register of the configuration
space to access. Valid values are between 0 and 15, inclusive. Accessing registers outside this range results in an all-0s
value being returned on reads, and no action being taken on writes.
The Class Code register contains the Class Code, Sub-Class Code, and Register-Level Programming Interface registers.
All writable bits in the configuration space are reset to 0 by the hardware reset, PCI RESET (RST#) asserted. After reset, PCI-
680 is disabled and will only respond to PCI configuration write and PCI configuration read cycles.
1.11 Deviations from the Specification
The PCI-680 product has been developed and tested to the specification listed in this document. As a result of testing and
customer feedback, we may become aware of deviations to the specification that could affect the component's operation. To
ensure awareness of these deviations by anyone considering the use of the PCI-680, we will include them in this document.
31
11 10
8 7
2 1
0
Bit
Number
Don’t Care
Bit
Number
3-Bit
Function
Number
6-Bit
Register
Number
2-Bit
Type
Number


Similar Part No. - SII0680ACL144

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII0680 SILICONIMAGE-SII0680 Datasheet
207Kb / 2P
   SteelVine??Host Controller
More results

Similar Description - SII0680ACL144

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FIM AXIOMTEK-FIM_17 Datasheet
455Kb / 1P
   IDE/ATA standard interface
logo
Intel Corporation
82371AB INTEL-82371AB Datasheet
1Mb / 284P
   PCI-TO-ISA / IDE XCELERATOR PIIX4
logo
SMSC Corporation
SLC90E66 SMSC-SLC90E66 Datasheet
1Mb / 257P
   Victory66 Enhanced PCI South Bridge with Ultra ATA/66 IDE Controller
logo
Silicon image
SII3512 SILICONIMAGE-SII3512 Datasheet
586Kb / 2P
   PCI to Serial ATA Controller
SII3114 SILICONIMAGE-SII3114_07 Datasheet
559Kb / 127P
   PCI to Serial ATA Controller
SII3531A SILICONIMAGE-SII3531A Datasheet
524Kb / 81P
   PCI Express to Serial ATA Controller
SII3124A SILICONIMAGE-SII3124A Datasheet
591Kb / 88P
   PCI-X to Serial ATA Controller
logo
National Semiconductor ...
PC87410 NSC-PC87410 Datasheet
197Kb / 16P
   PC87410 PCI-IDE Interface Controller
logo
Sanyo Semicon Device
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
logo
Tripp Lite. All Rights ...
P936000 TRIPPLITE-P936000 Datasheet
494Kb / 2P
   40 Pin F IDE to Serial ATA (SATA) Drive Adapter Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com