Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6120 Datasheet(PDF) 6 Page - Torex Semiconductor

Part No. XC6120
Description  Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6120 Datasheet(HTML) 6 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6/13
XC6120 Series
■OPERATIONAL EXPLANATION
The following explains the operation of the typical application circuit along number symbols shown in the timing chart.
① When input voltage (VIN) rises above detect voltage (VDF), output voltage (VOUT) will be equal to input voltage (VIN). (A
condition of high impedance exists with N-ch open drain output configurations.)
② When input voltage (VIN) falls below detect voltage (VDF), output voltage (VOUT) will be equal to the ground voltage
(VSS) level.
③ When input voltage (VIN) falls to a level below that of the minimum operating voltage (VMIN), output will become
unstable. If In this condition, VIN will equal the pulled-up output (should output be pulled-up.) (Input voltage, VIN, in
the typical application circuit.)
④ When input voltage (VIN) rises above the minimum operating voltage (VMIN) level until it achieves a release voltage
(VDR), output keeps the ground voltage level (VSS).
⑤ When the input voltage (VIN) rises above the release voltage (VDR), output voltage (VOUT will be equal to input voltage
(VIN). (A condition of high impedance exists with N-ch open drain output configurations.)
⑥ The difference between VDR and VDF represents the hysteresis width.
●Timing Charge
●Typical Application Circuit
Note: For explaining in a simplified case, an operation time of the circuit is not counted.
VIN
VSS
VOUT
VIN
VOUT
R
(Unused for the CMOS output products)
Input Voltage
(VIN)
Output
Voltage
(VOUT)
Release Voltage (VDR)
Detect Voltage (VDF)
Minimum Operating Voltage (VMIN)
Ground Voltage (VSS)
Ground Voltage (VSS)
①②


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn