Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6120 Datasheet(PDF) 1 Page - Torex Semiconductor

Part No. XC6120
Description  Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6120 Datasheet(HTML) 1 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
XC6120 Series
Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120x272xx
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
01
23
4
5
6
Input Voltage: VIN (V)
Ta= 85℃
25℃
-40℃
■GENERAL DESCRIPTION
The XC6120 series are highly precise, low power consumption voltage detectors, manufactured using CMOS and laser
trimming technologies. With low power consumption and high accuracy, the series is suitable for precision mobile equipment.
The XC6120 in ultra small packages are ideally suited for high-density mounting. The XC6120 is available in both CMOS and
N-channel open drain output configurations.
■APPLICATIONS
●Microprocessor reset circuitry
●Memory battery back-up circuits
●Power-on reset circuits
●Power failure detection
●System battery life and charge voltage monitors
■TYPICAL APPLICATION CIRCUIT
■ TYPICAL PERFORMANCE
CHARACTERISTICS
●Supply Current vs. Input Voltage
ETR0209-004
■FEATURES
Highly Accurate
: ± 2% (VDF(T)≧1.5V)
: ± 30mV (VDF(T)<1.5V)
Low Power Consumption
: 0.6μA (TYP.) [VDF(T)=2.7V, VIN2.97V]
Detect Voltage Range
: 1.0V ~ 5.0V in 0.1V increments
Operating Voltage Range
: 0.7V ~ 6.0V
Detect Voltage Temperature Characteristics
: ±100ppm/℃ (TYP.)
Output Configuration
: CMOS (XC6120C)
: N-channel open drain (XC6120N)
Operating
Temperature Range
: -40℃~85℃
Ultra Small Packages
: USP-3, SSOT-24
(Unused for the CMOS
output products)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn