Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC61G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC61G
Description  Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61G Datasheet(HTML) 1 Page - Torex Semiconductor

  XC61G_1 Datasheet HTML 1Page - Torex Semiconductor XC61G_1 Datasheet HTML 2Page - Torex Semiconductor XC61G_1 Datasheet HTML 3Page - Torex Semiconductor XC61G_1 Datasheet HTML 4Page - Torex Semiconductor XC61G_1 Datasheet HTML 5Page - Torex Semiconductor XC61G_1 Datasheet HTML 6Page - Torex Semiconductor XC61G_1 Datasheet HTML 7Page - Torex Semiconductor XC61G_1 Datasheet HTML 8Page - Torex Semiconductor XC61G_1 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
XC61G Series
Low Voltage Detectors (VDF= 0.8V~1.5V)
Standard Voltage Detectors (VDF 1.6V~6.0V)
GENERAL DESCRIPTION
The XC61G series are highly precise, low power consumption voltage detectors, manufactured using CMOS and laser
trimming technologies.
Detect voltage is extremely accurate with minimal temperature drift.
Both CMOS and N-channel open drain output
configurations are available.
APPLICATIONS
Microprocessor reset circuitry
Memory battery back-up circuits
Power-on reset circuits
Power failure detection
System battery life and charge voltage monitors
TYPICAL PERFORMANCE CHARACTERISTICS
FEATURES
Highly Accurate
: ±2%
Low Power Consumption : 0.7 μA [ VIN=1.5V ] (TYP.)
Detect Voltage Range
: 0.8V ~ 1.5V in 100mV
increments (Low Voltage)
: 1.6V~6.0V in 100mV
increments (Standard Voltage)
Operating Voltage Range : 0.7V ~ 6.0V (Low Voltage)
: 0.7V~10.0V (Standard Voltage)
Detect Voltage Temperature characteristics
: ±100ppm/℃ (TYP.)
Output Configuration
: N-channel open drain or CMOS
CMOS
Ultra Small Package
: USP-3 (120mW)
TYPICAL APPLICATION CIRCUITS
ETR0203_001


Similar Part No. - XC61G_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
More results

Similar Description - XC61G_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
XC6101 TOREX-XC6101_1 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61A TOREX-XC61A Datasheet
136Kb / 6P
   Low Voltage Detectors竊늊DF=0.8V)
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com