Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC61C Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XC61C
Description  Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61C Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC61C_1 Datasheet HTML 9Page - Torex Semiconductor XC61C_1 Datasheet HTML 10Page - Torex Semiconductor XC61C_1 Datasheet HTML 11Page - Torex Semiconductor XC61C_1 Datasheet HTML 12Page - Torex Semiconductor XC61C_1 Datasheet HTML 13Page - Torex Semiconductor XC61C_1 Datasheet HTML 14Page - Torex Semiconductor XC61C_1 Datasheet HTML 15Page - Torex Semiconductor XC61C_1 Datasheet HTML 16Page - Torex Semiconductor XC61C_1 Datasheet HTML 17Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16/17
XC61C Series
MARK
VOLTAGE (V)
3
3
3.3
5
0
5.0
MARK
OUTPUT
CONFIGURATION
C
CMOS
N
N-ch
MARK
DELAY TIME
0
No delay
MARK
DETECT VOLTAGE ACCURACY
1
Within ± 1% (Semi-custom)
2
Within ± 2%
MARK
PRODUCTION YEAR
5
2005
6
2006
MARKING RULE (Continued)
Represents a least significant digit of production year
TO-92
Represents production lot number
0 to 9, A to Z repeated. (G, I, J, O, Q, W excepted)
* No character inversion used.
Represents output configuration
, ③Represents detect voltage (ex.)
Represents delay time
Represents detect voltage accuracy


Similar Part No. - XC61C_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61C1101MR TOREX-XC61C1101MR Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C1101MR-G TOREX-XC61C1101MR-G Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C1101NR TOREX-XC61C1101NR Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C1101NR-G TOREX-XC61C1101NR-G Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C1101PR TOREX-XC61C1101PR Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
More results

Similar Description - XC61C_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
XC6101 TOREX-XC6101_1 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61A TOREX-XC61A Datasheet
136Kb / 6P
   Low Voltage Detectors竊늊DF=0.8V)
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com