Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4051ADG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LV4051ADG4
Description  8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4051ADG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV4051ADG4 Datasheet HTML 2Page - Texas Instruments SN74LV4051ADG4 Datasheet HTML 3Page - Texas Instruments SN74LV4051ADG4 Datasheet HTML 4Page - Texas Instruments SN74LV4051ADG4 Datasheet HTML 5Page - Texas Instruments SN74LV4051ADG4 Datasheet HTML 6Page - Texas Instruments SN74LV4051ADG4 Datasheet HTML 7Page - Texas Instruments SN74LV4051ADG4 Datasheet HTML 8Page - Texas Instruments SN74LV4051ADG4 Datasheet HTML 9Page - Texas Instruments SN74LV4051ADG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SN54LV4051A, SN74LV4051A
8CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS428H − MAY 1999 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
analog switch characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
FROM
TO
TEST CONDITIONS
VCC
TA = 25°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Frequency response
CL = 50 pF,
R = 600
,
2.3 V
20
Frequency response
(switch on)
COM or Yn
Yn or COM
CL = 50 pF,
RL = 600 Ω,
fin = 1 MHz (sine wave)
3 V
25
MHz
(switch on)
COM or Yn
Yn or COM
fin = 1 MHz (sine wave)
(see Note 6 and Figure 6)
4.5 V
35
MHz
Crosstalk
CL = 50 pF,
R = 600
,
2.3 V
20
Crosstalk
(control input to signal output)
INH
COM or Yn
CL = 50 pF,
RL = 600 Ω,
fin = 1 MHz (square wave)
3 V
35
mV
(control input to signal output)
INH
COM or Yn
fin = 1 MHz (square wave)
(see Figure 7)
4.5 V
60
mV
Feedthrough attenuation
CL = 50 pF,
R = 600
,
2.3 V
−45
Feedthrough attenuation
(switch off)
COM or Yn
Yn or COM
CL = 50 pF,
RL = 600 Ω,
fin = 1 MHz
3 V
−45
dB
(switch off)
COM or Yn
Yn or COM
fin = 1 MHz
(see Note 7 and Figure 8)
4.5 V
−45
dB
CL = 50 pF,
RL = 10 kΩ,
VI = 2 Vp-p
2.3 V
0.1
Sine-wave distortion
COM or Yn
Yn or COM
RL = 10 kΩ,
fin = 1 kHz
(sine wave)
VI = 2.5 Vp-p
3 V
0.1
%
in
(sine wave)
(see Figure 9)
VI = 4 Vp-p
4.5 V
0.1
NOTES:
6. Adjust fin voltage to obtain 0-dBm output. Increase fin frequency until dB meter reads −3 dB.
7. Adjust fin voltage to obtain 0-dBm input.
operating characteristics, VCC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5.9
pF
PARAMETER MEASUREMENT INFORMATION
VCC
VI = VCC or GND
VINH = VIL
2 mA
VO
ron
+
V
I –VO
2
10–3
W
VI − VO
VCC
GND
(ON)
V
Figure 1. On-State Resistance Test Circuit


Similar Part No. - SN74LV4051ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051ADG4 TI-SN74LV4051ADG4 Datasheet
690Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLESERS/DEMULTIPLEXERS
SN74LV4051ADG4 TI-SN74LV4051ADG4 Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051ADG4 TI-SN74LV4051ADG4 Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051ADG4 TI1-SN74LV4051ADG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel Analog Multiplexers and Demultiplexers
More results

Similar Description - SN74LV4051ADG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4051 UTC-4051_12 Datasheet
260Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A TI-SN54LV4051A_10 Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051_07 Datasheet
164Kb / 7P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A_101 TI-SN54LV4051A_101 Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051 Datasheet
125Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_15 Datasheet
333Kb / 8P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_18 Datasheet
216Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN74LV4051A TI1-SN74LV4051A_15 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel Analog Multiplexers and Demultiplexers
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com