Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL032A10FFIR22 Datasheet(PDF) 9 Page - SPANSION

Part # S29GL032A10FFIR22
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A10FFIR22 Datasheet(HTML) 9 Page - SPANSION

Back Button S29GL032A10FFIR22 Datasheet HTML 5Page - SPANSION S29GL032A10FFIR22 Datasheet HTML 6Page - SPANSION S29GL032A10FFIR22 Datasheet HTML 7Page - SPANSION S29GL032A10FFIR22 Datasheet HTML 8Page - SPANSION S29GL032A10FFIR22 Datasheet HTML 9Page - SPANSION S29GL032A10FFIR22 Datasheet HTML 10Page - SPANSION S29GL032A10FFIR22 Datasheet HTML 11Page - SPANSION S29GL032A10FFIR22 Datasheet HTML 12Page - SPANSION S29GL032A10FFIR22 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
September 10, 2007 S29GL-A_00_A11
S29GL-A
9
Data
She e t
1.
Product Selector Guide
2.
Block Diagram
Note
**AMAX GL064A = A21.
**AMAX GL032A = A20.
**AMAX GL016A = A19.
Table 1.1 S29GL064A, S29GL032A, S29GL016A
Part Number
S29GL064A
S29GL032A
S29GL016A
Speed Option
90
10
11
90
10
11
90
10
Max. Access Time (ns)
90
100
110
90
100
110
90
100
Max. CE# Access Time (ns)
90
100
110
90
100
110
90
100
Max. Page Access Time (ns)
25
30
30
25
30
30
25
30
Max. OE# Access Time (ns)
25
30
30
25
30
30
25
30
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
WP#/ACC
BYTE#
CE#
OE#
STB
STB
DQ15DQ0 (A-1)
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
AMax**–A0


Similar Part No. - S29GL032A10FFIR22

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL032A10FFIR22 SPANSION-S29GL032A10FFIR22 Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
More results

Similar Description - S29GL032A10FFIR22

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com