Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT245PWRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT245PWRE4
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT245PWRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHCT245PWRE4 Datasheet HTML 1Page - Texas Instruments SN74AHCT245PWRE4 Datasheet HTML 2Page - Texas Instruments SN74AHCT245PWRE4 Datasheet HTML 3Page - Texas Instruments SN74AHCT245PWRE4 Datasheet HTML 4Page - Texas Instruments SN74AHCT245PWRE4 Datasheet HTML 5Page - Texas Instruments SN74AHCT245PWRE4 Datasheet HTML 6Page - Texas Instruments SN74AHCT245PWRE4 Datasheet HTML 7Page - Texas Instruments SN74AHCT245PWRE4 Datasheet HTML 8Page - Texas Instruments SN74AHCT245PWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN54AHCT245, SN74AHCT245
OCTAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCLS233N − OCTOBER 1995 − REVISED MARCH 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
SN54AHCT245 ...J OR W PACKAGE
SN74AHCT245 . . . DB, DGV, DW, N, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
B1
B2
B3
B4
B5
A3
A4
A5
A6
A7
SN54AHCT245 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
SN74AHCT245 . . . RGY PACKAGE
(TOP VIEW)
120
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
OE
B1
B2
B3
B4
B5
B6
B7
A1
A2
A3
A4
A5
A6
A7
A8
description/ordering information
These octal bus transceivers are designed for asynchronous two-way communication between data buses. The
control-function implementation minimizes external timing requirements.
The ’AHCT245 devices allow data transmission from the A bus to the B bus or from the B bus to the A bus,
depending on the logic level at the direction-control (DIR) input. The output-enable (OE) input can be used to
disable the device so that the buses effectively are isolated.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74AHCT245N
SN74AHCT245N
QFN − RGY
Tape and reel
SN74AHCT245RGYR
HB245
SOIC − DW
Tube
SN74AHCT245DW
AHCT245
SOIC − DW
Tape and reel
SN74AHCT245DWR
AHCT245
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AHCT245NSR
AHCT245
−40 C to 85 C
SSOP − DB
Tape and reel
SN74AHCT245DBR
HB245
TSSOP − PW
Tube
SN74AHCT245PW
HB245
TSSOP − PW
Tape and reel
SN74AHCT245PWR
HB245
TVSOP − DGV
Tape and reel
SN74AHCT245DGVR
HB245
CDIP − J
Tube
SNJ54AHCT245J
SNJ54AHCT245J
−55
°C to 125°C
CFP − W
Tube
SNJ54AHCT245W
SNJ54AHCT245W
−55 C to 125 C
LCCC − FK
Tube
SNJ54AHCT245FK
SNJ54AHCT245FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74AHCT245PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT245PWRE4 TI-SN74AHCT245PWRE4 Datasheet
739Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AHCT245PWRE4 TI-SN74AHCT245PWRE4 Datasheet
789Kb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AHCT245PWRE4 TI-SN74AHCT245PWRE4 Datasheet
799Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AHCT245PWRE4 TI1-SN74AHCT245PWRE4 Datasheet
1Mb / 32P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
SN74AHCT245PWRE4 TI-SN74AHCT245PWRE4 Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
More results

Similar Description - SN74AHCT245PWRE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com