Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8233TK Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPC8233TK
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT SiGe:C LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8233TK Datasheet(HTML) 2 Page - California Eastern Labs

  UPC8233TK Datasheet HTML 1Page - California Eastern Labs UPC8233TK Datasheet HTML 2Page - California Eastern Labs UPC8233TK Datasheet HTML 3Page - California Eastern Labs UPC8233TK Datasheet HTML 4Page - California Eastern Labs UPC8233TK Datasheet HTML 5Page - California Eastern Labs UPC8233TK Datasheet HTML 6Page - California Eastern Labs UPC8233TK Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PIN CONNECTIONS
Pin No.
Pin Name
1INPUT
2GND
3
Power Save
4
OUTPUT
5GND
6VCC
INTERNAL BLOCK DIAGRAM
INPUT
1
Bias
2
3
GND
Power Save
VCC
6
5
4
GND
OUTPUT
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Ratings
Unit
Supply Voltage
VCC
TA =+25
°C
4.0
V
Power-Saving Voltage
VPS
TA =+25
°C
4.0
V
Power Dissipation
PD
TA =+85°C
Note
232
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Input Power
Pin
+10
dBm
Note Mounted on double-side copper-clad 50
× 50 × 1.6 mm epoxy glass PWB
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
1.7
2.7
3.3
V
Operating Ambient Temperature
TA
−40
+25
+85
°C
Power Save Turn-on Voltage
VPSon
1.0
VCC
V
Power Save Turn-off Voltage
VPSoff
0
0.4
V
2
μPC8233TK


Similar Part No. - UPC8233TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8233TK RENESAS-UPC8233TK Datasheet
344Kb / 15P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2008
UPC8233TK-E2 RENESAS-UPC8233TK-E2 Datasheet
344Kb / 15P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2008
UPC8233TK-E2-A RENESAS-UPC8233TK-E2-A Datasheet
344Kb / 15P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2008
More results

Similar Description - UPC8233TK

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8236T6N-A CEL-UPC8236T6N-A Datasheet
714Kb / 11P
   SiGe:C LOW NOISE AMPLIFIER FOR GPS
UPC8211TK CEL-UPC8211TK_05 Datasheet
291Kb / 4P
   SiGe LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
UPC8215TU CEL-UPC8215TU Datasheet
291Kb / 8P
   SiGe LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
logo
NXP Semiconductors
BGU7005 NXP-BGU7005 Datasheet
136Kb / 18P
   SiGe:C Low Noise Amplifier MMIC for GPS
Rev. 01-28 October 2009
BGU7005 NXP-BGU7005_10 Datasheet
221Kb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS
Rev. 02-4 March 2010
logo
California Eastern Labs
UPC8230TU CEL-UPC8230TU_13 Datasheet
424Kb / 8P
   SiGe:C LOW NOISE AMPLIFER FOR GPS
logo
NXP Semiconductors
BGU7007 NXP-BGU7007 Datasheet
1Mb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 1-20 May 2011
BGU7007_1111 PHILIPS-BGU7007_1111 Datasheet
1Mb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 2-3 November 2011
BGU7008 PHILIPS-BGU7008 Datasheet
1Mb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 2-3 November 2011
BGU7004 PHILIPS-BGU7004 Datasheet
1Mb / 20P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
Rev. 1-5 July 2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com