Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G08 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC2G08
Description  DUAL 2-INPUT POSITIVE-AND GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G08 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G08_08 Datasheet HTML 1Page - Texas Instruments SN74LVC2G08_08 Datasheet HTML 2Page - Texas Instruments SN74LVC2G08_08 Datasheet HTML 3Page - Texas Instruments SN74LVC2G08_08 Datasheet HTML 4Page - Texas Instruments SN74LVC2G08_08 Datasheet HTML 5Page - Texas Instruments SN74LVC2G08_08 Datasheet HTML 6Page - Texas Instruments SN74LVC2G08_08 Datasheet HTML 7Page - Texas Instruments SN74LVC2G08_08 Datasheet HTML 8Page - Texas Instruments SN74LVC2G08_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
Seemechanicaldrawingsfordimensions.
DCTPACKAGE
(TOP VIEW)
DCUPACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOMVIEW)
1
V
CC
8
1A
2
7
1B
1Y
3
6
2Y
2B
4
5
GND
2A
3
6
2B
2Y
8
1
V
CC
1A
5
GND
4
2A
2
7
1Y
1B
GND
5
4
2A
3 6
2B
2Y
2 7
1Y
1B
8
V
CC
1
1A
DESCRIPTION/ORDERING INFORMATION
The SN74LVC2G08 performs the Boolean function Y + A • B or Y + A ) B in positive logic.
SN74LVC2G08
DUAL 2-INPUT POSITIVE-AND GATE
SCES198L – APRIL 1999 – REVISED JANUARY 2007
• Available in the Texas Instruments
• Typical V
OHV (Output VOH Undershoot) >2 V at
NanoFree™ Package
V
CC = 3.3 V, TA = 25°C
• Supports 5-V V
CC Operation
• I
off Supports Partial-Power-Down Mode
Operation
• Inputs Accept Voltages to 5.5 V
• Latch-Up Performance Exceeds 100 mA Per
• Max t
pd of 4.7 ns at 3.3 V
JESD 78, Class II
• Low Power Consumption, 10-µA Max I
CC
• ESD Protection Exceeds JESD 22
• ±24-mA Output Drive at 3.3 V
2000-V Human-Body Model (A114-A)
• Typical V
OLP (Output Ground Bounce) <0.8 V
1000-V Charged-Device Model (C101)
at V
CC = 3.3 V, TA = 25°C
This dual 2-input positive-AND gate is designed for 1.65-V to 5.5-V VCC operation.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Reel of 3000
SN74LVC2G08YZPR
_ _ _CE_
(Pb-free)
–40
°C to 85°C
SSOP – DCT
Reel of 3000
SN74LVC2G08DCTR
C08_ _ _
Reel of 3000
SN74LVC2G08DCUR
VSSOP – DCU
C08_
Reel of 250
SN74LVC2G08DCUT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G08_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI-SN74LVC2G08-EP Datasheet
848Kb / 20P
[Old version datasheet]   SN74LVC2G08-Q1 Dual 2-Input Positive-AND Gate
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1 Datasheet
133Kb / 7P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1 Datasheet
848Kb / 20P
[Old version datasheet]   SN74LVC2G08-Q1 Dual 2-Input Positive-AND Gate
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1_V01 Datasheet
848Kb / 20P
[Old version datasheet]   SN74LVC2G08-Q1 Dual 2-Input Positive-AND Gate
More results

Similar Description - SN74LVC2G08_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI1-SN74LVC2G08_15 Datasheet
928Kb / 22P
[Old version datasheet]   Dual 2-Input Positive-AND Gate
SN74LVC2G08 TI-SN74LVC2G08 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE AND GATE
SN74AUC2G08 TI-SN74AUC2G08_10 Datasheet
515Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74AUC2G08 TI-SN74AUC2G08 Datasheet
292Kb / 11P
[Old version datasheet]   DUAL 2 - INPUT POSITIVE - AND GATE
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1 Datasheet
133Kb / 7P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74AHC2G08 TI1-SN74AHC2G08 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
logo
AiT Semiconductor Inc.
AL2G08 AITSEMI-AL2G08 Datasheet
456Kb / 8P
   LOGIC DUAL 2-INPUT POSITIVE-AND GATE
REV1.0
logo
Texas Instruments
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
288Kb / 13P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com