Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKV500KJ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. RKV500KJ
Description  Variable Capacitance Diode for UHF/VHF tuner
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RKV500KJ Datasheet(HTML) 3 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RKV500KJ
Rev.1.00 Apr 01, 2005 page 3 of 4
Main Characteristic
0
10203040
50
1.0
10
25
5
0
40
10
15
20
1.0
10
40
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.0
10
0
40
10
–13
10
–11
10
–12
10
–9
10
–10
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
10
–8
10
–6
10
–7
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
f = 1MHz
–1.5
–0.5
–1.0
Reverse voltage VR (V)
Fig.4 Linearity factor vs. Reverse voltage
Reverse voltage VR (V)
Fig.3 Series resistance vs. Reverse voltage
f = 470MHz


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn