Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKV500KJ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. RKV500KJ
Description  Variable Capacitance Diode for UHF/VHF tuner
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RKV500KJ Datasheet(HTML) 2 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RKV500KJ
Rev.1.00 Apr 01, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
VRM *
1
35
V
Reverse voltage
VR
34
V
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note:
1. RL = 10 kΩ
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
10
VR = 32 V
Reverse current
IR2
100
nA
VR = 32 V, Ta = 60°C
C2
14.15
15.75
VR = 2 V, f = 1 MHz
Capacitance
C25
1.89
2.18
pF
VR = 25 V, f = 1 MHz
Capacitance ratio
n
6.3
C2 / C25
Series resistance
rS
0.57
VR = 5 V, f = 470 MHz
Matching error
∆C/C *1
1.8
%
VR = 2 to 25 V, f = 1 MHz
Note:
1. C.C system (Continuous Connected taping system) enable to make any 10 pcs of
∆C/C continuous in a reel,
expect extention to another group.
Calculate Matching Error,
∆C/C =
× 100 (%)
(Cmax – Cmin)
Cmin


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn