Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3CH1000QE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3CH1000QE
Description  Low Voltage, 5-Ohm, 10-Channel 2-Port NanoSwitch?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH1000QE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3CH1000QE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH1000QE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH1000QE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH1000QE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH1000QE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH1000QE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH1000QE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH1000QE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS2724B
05/09/06
PI3CH1000
Low Voltage, 5-Ohm, 10-Channel
2-Port NanoSwitch
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
Notes:
1. This parameter is determined by device characterization but is not production tested.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
1.8
pF
COFF
A/B Capacitance, Switch Off
3.0
CON
A/B Capacitance, Switch On
6.4
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min. Typ.(2) Max.
Units
ICC
Quiescent Power Supply Current
VCC = 3.6V, VIN = GND or VCC
0.8
mA
Dynamic Electrical Characteristics Over the Operating Range (TA = -40º to +85º, VCC = 3.3V ± 10%)
Parameter
Description
Test Condition
Min.
Typ.
Max.
Units
XTALK
Crosstalk
10 MHz
–60
dB
OIRR
Off-Isolation
10 MHz
–60
BW
–3dB Bandwidth
See Test Diagram
200
500
MHz
06-0235


Similar Part No. - PI3CH1000QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH1000LE PERICOM-PI3CH1000LE Datasheet
279Kb / 6P
   10-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH1000LEX PERICOM-PI3CH1000LEX Datasheet
279Kb / 6P
   10-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH1000 PERICOM-PI3CH1000_15 Datasheet
279Kb / 6P
   10-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
More results

Similar Description - PI3CH1000QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH800 PERICOM-PI3CH800 Datasheet
579Kb / 8P
   LOW Voltage, 5?? 8-Channel 2-Port NanoSwitch?
PI3CH200 PERICOM-PI3CH200 Datasheet
640Kb / 8P
   Low Voltage, 5廓, 2-Channel 2-Port NanoSwitch?
PI3CH401 PERICOM-PI3CH401 Datasheet
376Kb / 8P
   Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
PI3CH400 PERICOM-PI3CH400 Datasheet
579Kb / 8P
   Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384 PERICOM-PI3B3384 Datasheet
176Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
PI3B16861 PERICOM-PI3B16861 Datasheet
182Kb / 5P
   3.3V, 20-Bit, 2-Port NanoSwitch?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com