Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL016A10TFI013 Datasheet(PDF) 3 Page - SPANSION

Part # S29GL016A10TFI013
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL016A10TFI013 Datasheet(HTML) 3 Page - SPANSION

  S29GL016A10TFI013 Datasheet HTML 1Page - SPANSION S29GL016A10TFI013 Datasheet HTML 2Page - SPANSION S29GL016A10TFI013 Datasheet HTML 3Page - SPANSION S29GL016A10TFI013 Datasheet HTML 4Page - SPANSION S29GL016A10TFI013 Datasheet HTML 5Page - SPANSION S29GL016A10TFI013 Datasheet HTML 6Page - SPANSION S29GL016A10TFI013 Datasheet HTML 7Page - SPANSION S29GL016A10TFI013 Datasheet HTML 8Page - SPANSION S29GL016A10TFI013 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 95 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. Spansion Inc. deems the products to have been in sufficient pro-
duction volume such that subsequent versions of this document are not expected to change. However, typographical or specification corrections, or modifications to the valid com-
binations offered may occur.
Publication Number S29GL-A_00
Revision A
Amendment 11
Issue Date September 10, 2007
The S29GL064A and S29GL032A will not be offered for new designs. For new and current designs, the S29GL064N and
S29GL032N supersedes the S29GL064A and S29GL032A respectively and are the factory-recommended migration path.
Please refer to the S29GL064N and S29GL032N for specifications and ordering information.
Distinctive Characteristics
Architectural Advantages
Single power supply operation
– 3-Volt read, erase, and program operations
Manufactured on 200 nm MirrorBit process technology
Secured Silicon Sector region
– 128-word/256-byte sector for permanent, secure identification
through an 8-word/16-byte random Electronic Serial Number,
accessible through a command sequence
– May be programmed and locked at the factory or by the customer
Flexible sector architecture
– 64Mb (uniform sector models): 128 32 Kword (64 KB) sectors
– 64 Mb (boot sector models): 127 32 Kword (64 KB) sectors
+ 8 4Kword (8KB) boot sectors
– 32 Mb (uniform sector models): 64 32Kword (64 KB) sectors
– 32 Mb (boot sector models): 63 32Kword (64 KB) sectors
+ 8 4Kword (8KB) boot sectors
– 16 Mb (boot sector models): 31 31Kword (64 KB) sectors
+ 8 4Kword (8 KB) boot sectors
Compatibility with JEDEC standards
– Provides pinout and software compatibility for single-power supply
flash, and superior inadvertent write protection
100,000 erase cycles typical per sector
20-year data retention typical
Performance Characteristics
High performance
– 90 ns access time
– 4-word/8-byte page read buffer
– 25 ns page read times
– 16-word/32-byte write buffer which reduces overall programming
time for multiple-word updates
Low power consumption
(typical values at 3.0 V, 5 MHz)
– 18 mA typical active read current
– 50 mA typical erase/program current
– 1 µA typical standby mode current
Package options
– 48-pin TSOP
– 56-pin TSOP
– 64-ball Fortified BGA
– 48-ball fine-pitch BGA
– 56-ball fine pitch BGA
(MCP-compatible for cellular handsets)
Software & Hardware Features
Software features
– Program Suspend & Resume: read other sectors before
programming operation is completed
– Erase Suspend & Resume: read/program other sectors before an
erase operation is completed
– Data# polling & toggle bits provide status
– CFI (Common Flash Interface) compliant: allows host system to
identify and accommodate multiple flash devices
– Unlock Bypass Program command reduces overall multiple-word
programming time
Hardware features
– Sector Group Protection: hardware-level method of preventing write
operations within a sector group
– Temporary Sector Unprotect: VID-level method of charging code in
locked sectors
– WP#/ACC input accelerates programming time (when high voltage
is applied) for greater throughput during system production. Protects
first or last sector regardless of sector protection settings on uniform
sector models
– Hardware reset input (RESET#) resets device
– Ready/Busy# output (RY/BY#) detects program or erase cycle
completion
S29GL-A MirrorBit
® Flash Family
S29GL064A, S29GL032A, and S29GL016A
64 Megabit, 32 Megabit, and 16 Megabit
3.0-Volt only Page Mode Flash Memory
featuring 200 nm MirrorBit Process Technology
Data Sheet


Similar Part No. - S29GL016A10TFI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL016A10TFIR10 SPANSION-S29GL016A10TFIR10 Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL016A10TFIR12 SPANSION-S29GL016A10TFIR12 Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL016A10TFIR13 SPANSION-S29GL016A10TFIR13 Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL016A10TFIR20 SPANSION-S29GL016A10TFIR20 Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL016A10TFIR22 SPANSION-S29GL016A10TFIR22 Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
More results

Similar Description - S29GL016A10TFI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com