Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL330 Datasheet(PDF) 7 Page - Supertex, Inc

Part # CL330
Description  3-Channel 30mA Linear LED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL330 Datasheet(HTML) 7 Page - Supertex, Inc

  CL330 Datasheet HTML 1Page - Supertex, Inc CL330 Datasheet HTML 2Page - Supertex, Inc CL330 Datasheet HTML 3Page - Supertex, Inc CL330 Datasheet HTML 4Page - Supertex, Inc CL330 Datasheet HTML 5Page - Supertex, Inc CL330 Datasheet HTML 6Page - Supertex, Inc CL330 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
CL330
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
8-Lead SOIC (w/Heat Slug) Package Outline (SG)
4.90x3.90mm body, 1.70mm height (max), 1.27mm pitch
Symbol
A
A1
A2
b
D
D1
E
E1
E2
e
h
L
L1
L2
θ
θ1
Dimension
(mm)
MIN
1.25
0.00
1.25
0.31
4.80
3.30*
5.80
3.80
2.29*
1.27
BSC
0.25
0.40
1.04
REF
0.25
BSC
0O
5O
NOM
----
4.90
-
6.00
3.90
-
-
-
-
-
MAX
1.70
0.15
1.70
0.51
5.00
3.81*
6.20
4.00
2.79*
0.50
1.27
8O
15O
JEDEC Registration MS-012, Variation BA, Issue E, Sept. 2005.
Dimensions marked with (*) are non-JEDEC dimensions.
Drawings not to scale.
D
Seating
Plane
Gauge
Plane
L
L1
L2
Top View
Side View
View A-A
View B
View
B
θ1
θ
E1
E
A A2
A1
A
A
Seating
Plane
e
b
h
h
8
1
D1
E2
Bottom View
Exposed
Thermal
Pad Zone
Note 1
Note 1
(Index Area
D/2 x E1/2)
8
1
Note 1:
This chamfer feature is optional. If it is not present, then a Pin 1 identifier must be located in the index area indicated.The Pin 1 identifier may be either a
mold, or an embedded metal or marked feature.
Doc.# DSFP-CL330
NR110907


Similar Part No. - CL330

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL330SG-G SUTEX-CL330SG-G Datasheet
606Kb / 7P
   3-Channel 30mA Linear LED Driver
CL330 SUTEX-CL330_08 Datasheet
606Kb / 7P
   3-Channel 30mA Linear LED Driver
More results

Similar Description - CL330

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL330 SUTEX-CL330_08 Datasheet
606Kb / 7P
   3-Channel 30mA Linear LED Driver
CL325 SUTEX-CL325_08 Datasheet
604Kb / 7P
   3-Channel 25mA Linear LED Driver
CL325 SUTEX-CL325 Datasheet
744Kb / 7P
   3-Channel 25mA Linear LED Driver
CL320 SUTEX-CL320 Datasheet
744Kb / 7P
   3-Channel 20mA Linear LED Driver
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
Panasonic Semiconductor
AN8377N PANASONIC-AN8377N Datasheet
50Kb / 4P
   3-channel Linear Driver
logo
SHENZHEN FUMAN ELECTRON...
HT71XX FUMAN-HT71XX Datasheet
992Kb / 4P
   30mA Linear Regulator
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Texas Instruments
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92611-Q1 TI1-TPS92611-Q1 Datasheet
2Mb / 24P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com