Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2520RHDR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520RHDR
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520RHDR Datasheet(HTML) 48 Page - Texas Instruments

Back Button CC2520RHDR Datasheet HTML 44Page - Texas Instruments CC2520RHDR Datasheet HTML 45Page - Texas Instruments CC2520RHDR Datasheet HTML 46Page - Texas Instruments CC2520RHDR Datasheet HTML 47Page - Texas Instruments CC2520RHDR Datasheet HTML 48Page - Texas Instruments CC2520RHDR Datasheet HTML 49Page - Texas Instruments CC2520RHDR Datasheet HTML 50Page - Texas Instruments CC2520RHDR Datasheet HTML 51Page - Texas Instruments CC2520RHDR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 134 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
48
WWW.TI.COM
OPCODE
Inputs
Outputs
Description
Possible exceptions
Security instructions
INC
p
c[1:0]
a[11:0]
s[7:0]
Increment the 2
C byte word with least significant byte at
address A. The n
th least significant byte beyond the least
is located at address (A+n). (n’ < n means n’ has less
significance than n)
C shall be in the range 0 through 2, i.e. 1, 2 or 4 bytes
are incremented. If C equals 3, a USAGE_ERROR
exception shall be raised.
The priority of the instruction is defined by P, which is
either low (if P=0) or high (if P=1).
A USAGE_ERROR exception is raised if an instruction is
already active with the requested priority level (high or
low).
A DPU_DONE_L or DPU_DONE_H exception is raised
when the operation completes, depending on the priority
of the instruction. This happens regardless of whether
the operation was successful or not.
The instruction will always access 4 bytes regardless of
the C parameter, so a MEMADDR_ERROR exception is
raised if A > 0x3FC.
MEMADDR_ERROR
USAGE_ERROR
DPU_DONE_L
DPU_DONE_H
ECB
p
k[7:0]
c[3:0]
a[11:0]
e[11:0]
s[7:0]
ECB encryption. Encrypt one 16 byte block of plaintext
consisting of (16-C) bytes of data read from memory,
starting at address A, concatenated with C zero-bytes,
using the key stored at address (16
⋅K) and storing the
output at address E.
The priority of the instruction is defined by P, which is
either low (if P=0) or high (if P=1).
The output is 16 AES-128 encrypted bytes.
A USAGE_ERROR exception is raised if an instruction is
already active with the requested priority level (high or
low).
A DPU_DONE_L or DPU_DONE_H exception is raised
when the operation completes, depending on the priority
of the instruction. This happens regardless of whether
the operation was successful or not.
MEMADDR_ERROR
USAGE_ERROR
DPU_DONE_L
DPU_DONE_H
ECBO
p
k[7:0]
c[3:0]
a[11:0]
s[7:0]
ECB encryption. Encrypt one 16 byte block of plaintext
consisting of (16-C) bytes of data read from memory,
starting at address A, concatenated with C zero-bytes,
using the key stored at address (16
⋅K) and storing the
output by overwriting the data from address A.
The priority of the instruction is defined by P, which is
either low (if P=0) or high (if P=1).
The output is 16 AES-128 encrypted bytes.
A USAGE_ERROR exception is raised if an instruction is
already active with the requested priority level (high or
low).
A DPU_DONE_L or DPU_DONE_H exception is raised
when the operation completes, depending on the priority
of the instruction. This happens regardless of whether
the operation was successful or not.
MEMADDR_ERROR
USAGE_ERROR
DPU_DONE_L
DPU_DONE_H
ECBX
p
k[7:0]
c[3:0]
a[11:0]
e[11:0]
s[7:0]
ECB encryption and XOR. As ECB except each
ciphertext byte is bitwise XOR’ed with the existing byte in
the destination address E before it is written to that
address.
USAGE_ERROR
MEMADDR_ERROR
DPU_DONE_L
DPU_DONE_H


Similar Part No. - CC2520RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2520RHDR TI-CC2520RHDR Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520RHDR TI1-CC2520RHDR Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520RHDRG4 TI-CC2520RHDRG4 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520RHDRG4 TI1-CC2520RHDRG4 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results

Similar Description - CC2520RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com