Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2520RHDR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520RHDR
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520RHDR Datasheet(HTML) 45 Page - Texas Instruments

Back Button CC2520RHDR Datasheet HTML 41Page - Texas Instruments CC2520RHDR Datasheet HTML 42Page - Texas Instruments CC2520RHDR Datasheet HTML 43Page - Texas Instruments CC2520RHDR Datasheet HTML 44Page - Texas Instruments CC2520RHDR Datasheet HTML 45Page - Texas Instruments CC2520RHDR Datasheet HTML 46Page - Texas Instruments CC2520RHDR Datasheet HTML 47Page - Texas Instruments CC2520RHDR Datasheet HTML 48Page - Texas Instruments CC2520RHDR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 134 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
WWW.TI.COM
45
OPCODE
Inputs
Outputs
Description
Possible exceptions
SXOSCOFF
Command strobe
s[7:0]
Turn off the crystal oscillator.
If the RF section is not idle a USAGE_ERROR is
generated.
If a frame is currently being received a
RX_FRM_ABORTED exception is raised.
USAGE_ERROR
RX_FRM_ABORTED
SFLUSHRX
Command strobe
s[7:0]
Flush the RX FIFO and reset the demodulator.
If a frame is currently being received a
RX_FRM_ABORTED exception is raised.
RX_FRM_ABORTED
SFLUSHTX
Command strobe
s[7:0]
Flush the TX FIFO
SACK
Command strobe
s[7:0]
Send acknowledgement frame, with the frame pendig
subfield cleared, following reception of the current frame.
Raises USAGE_ERROR exception if a frame is currently
not being received. In this case no ACK frame is sent.
USAGE_ERROR
SACKPEND
Command strobe
s[7:0]
Send acknowledgement frame, with the frame pendig
subfield set, following reception of the current frame.
Raises USAGE_ERROR exception if a frame is currently
not being received. In this case no ACK frame is sent.
USAGE_ERROR
SNACK
Command strobe
s[7:0]
Do not send an acknowledgement frame to the currently
received frame, even if the rfr_autoack is set.
Raises USAGE_ERROR exception if a frame is currently
not being received. In this case no ACK frame is sent.
USAGE_ERROR
SRXMASKBITSET
Command strobe
s[7:0]
Set bit 13 in the RXMASK.
SRXMASKBITCLR
Command strobe
s[7:0]
Clear bit 13 in the RXMASK.
Raises RXENABLE_ZERO exception if this causes the
RXENABE registers to be zero.
RXENABLE_ZERO
RXMASKOR
d[15:0]
s[7:0]
Perform bitwise OR between RX enable mask and D.
RXMASKAND
d[15:0]
s[7:0]
Perform bitwise AND between RX enable mask and D.
Raises RXENABLE_ZERO exception if this causes the
RXENABLE registers to be zero.
RXENABLE_ZERO
Data IO
BSET
a[7:3]
b[2:0]
s[7:0]
Set a single bit. Writes 1 to bit B in address A. This is
done without affecting the value of, or triggering side-
effects of other bits at the same address. Only the
address range [0, 31] is accessible with this instruction.
MEMADDR_ERROR
BCLR
a[7:3]
b[2:0]
s[7:0]
Clear a single bit. Writes 0 to bit B in address A. This is
done without affecting the value of, or triggering side-
effects of other bits at the same address. Only the
address range [0, 31] is accessible with this instruction.
MEMADDR_ERROR
MEMRD
a[11:0]
s[7:0]
d[7:0]
...
Read memory. The n’th byte of data D is read from
address (A+n). Note that when an address with LSB=0 is
read the content of the corresponding address with
LSB=1 is buffered. If that address is read immediately
after within the same MEMRD instruction, the buffered
copy is read. In this way a read of a complete 16 bit word
is performed as an atomic operation.
MEMADDR_ERROR
MEMWR
a[11:0]
d[7:0]
...
s[7:0]
d[7:0]
...
Write memory. The n’th byte of data D input with the
instruction is written to address (A+n).
In addition, the n’th byte of data D output from the
instruction is the unaltered data read from the memory
location (A+n).
MEMADDR_ERROR
REGRD
a[5:0]
s[7:0]
d[7:0]
...
Same functionality as MEMRD, except the operation can
only be started from addresses below 0x40.
MEMADDR_ERROR


Similar Part No. - CC2520RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2520RHDR TI-CC2520RHDR Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520RHDR TI1-CC2520RHDR Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520RHDRG4 TI-CC2520RHDRG4 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520RHDRG4 TI1-CC2520RHDRG4 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results

Similar Description - CC2520RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com