Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USA2D Datasheet(PDF) 1 Page - Semikron International

Part # USA2D
Description  Ultrafast Avalanche Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

USA2D Datasheet(HTML) 1 Page - Semikron International

  USA2D Datasheet HTML 1Page - Semikron International USA2D Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface mount diode
Ultrafast Avalanche
Diodes
USA 2A ... USA 2M
Forward Current: 2 A
Reverse Voltage: 50 to 1000 V
Features
Mechanical Data
1)
2)
3)
4)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
USA 2A ... USA 2M
1
05-03-2007 MAM
© by SEMIKRON


Similar Part No. - USA2D

ManufacturerPart #DatasheetDescription
logo
Semikron International
USA2A SEMIKRON-USA2A Datasheet
326Kb / 2P
   Ultrafast Avalanche Diodes
USA2A SEMIKRON-USA2A_10 Datasheet
326Kb / 2P
   Ultrafast Avalanche Diodes
logo
List of Unclassifed Man...
USA2N1183 ETC1-USA2N1183 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
USA2N1183A ETC1-USA2N1183A Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
USA2N1184 ETC1-USA2N1184 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

Similar Description - USA2D

ManufacturerPart #DatasheetDescription
logo
Semikron International
USA1A SEMIKRON-USA1A_10 Datasheet
282Kb / 2P
   Ultrafast Avalanche Diodes
USA2A SEMIKRON-USA2A_10 Datasheet
326Kb / 2P
   Ultrafast Avalanche Diodes
USA3A SEMIKRON-USA3A_10 Datasheet
300Kb / 2P
   Ultrafast Avalanche Diodes
USA1A SEMIKRON-USA1A Datasheet
195Kb / 2P
   Ultrafast Avalanche Diodes
USA3A SEMIKRON-USA3A Datasheet
203Kb / 2P
   Ultrafast Avalanche Diodes
RGA57A SEMIKRON-RGA57A Datasheet
203Kb / 2P
   Ultrafast Avalanche Diodes
logo
Burland Technology Solu...
UA1A BURLAND-UA1A Datasheet
245Kb / 4P
   UA1A-UA1M Ultrafast Avalanche Diodes
Rev. A
logo
Diotec Semiconductor
BYG23T DIOTEC-BYG23T Datasheet
154Kb / 2P
   Ultrafast Avalanche SMD Rectifier Diodes
logo
Littelfuse
PP6KE6.8 LITTELFUSE-PP6KE6.8 Datasheet
406Kb / 5P
   Silicon Avalanche Diodes - Silicon Avalanche Diodes
logo
Semikron International
SUFA4001 SEMIKRON-SUFA4001_10 Datasheet
242Kb / 2P
   Ultrafast Avalanche Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com