Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVQ4066 Datasheet(PDF) 4 Page - STMicroelectronics

Part No. 74LVQ4066
Description  QUAD BILATERAL SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ4066 Datasheet(HTML) 4 Page - STMicroelectronics

  74LVQ4066 Datasheet HTML 1Page - STMicroelectronics 74LVQ4066 Datasheet HTML 2Page - STMicroelectronics 74LVQ4066 Datasheet HTML 3Page - STMicroelectronics 74LVQ4066 Datasheet HTML 4Page - STMicroelectronics 74LVQ4066 Datasheet HTML 5Page - STMicroelectronics 74LVQ4066 Datasheet HTML 6Page - STMicroelectronics 74LVQ4066 Datasheet HTML 7Page - STMicroelectronics 74LVQ4066 Datasheet HTML 8Page - STMicroelectronics 74LVQ4066 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ANALOG SWITCH CHARACTERISTICS (GND = 0 V, TA =25
oC)
Symb ol
Parameter
Test Co ndi ti on
Val ue
Un it
VCC
(V)
VIN
(Vp-p)
Sine Wave Distortion
(THD)
3.3
2.75
fIN = 1 KHz
RL = 10K
CL = 50 pF
0.04
%
5.0
(*)
4
0.04
fMAX
Frequency Response
(Switch ON)
3.3
Adjust fIN voltage to Obtain 0dBm at VOS.
Increase fIN Frequency until dB Meter reads -3dB
RL =50
Ω, CL = 10pF
150
MHz
5.0
(*)
180
Feedthrough
Attenuation
(Switch OFF)
3.3
VIN is centered at VCC/2. Adjust input for 0dBm
RL = 600
Ω,CL = 50pF, fIN = 1MHz sine wave
-60
dB
5.0
(*)
-60
Crosstalk (Control
Input to Signal Output)
3.3
RL = 600
Ω,CL = 50pF, fIN = 1MHz square wave
60
mV
5.0
(*)
60
Crosstalk (Between
Any Switches)
3.3
RL = 600
Ω,CL = 50pF, fIN = 1MHz sine wave
-60
dB
5.0
(*)
-60
(*) Voltage range is 5V
± 0.5V
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPD
Delay Time
3.3
(*)
0.4
0.8
1.2
ns
5.0
(**)
0.1
0.2
1.0
tPZL
tPZH
Output Enable Time
3.3
(*)
RL =1k
2.5
4.0
5.0
ns
5.0
(**)
2.0
4.0
5.0
tPLZ
tPHZ
Output Disable Time
3.3
(*)
RL =1k
5.0
7.5
9.0
ns
5.0
(**)
5.0
7.5
9.0
CIN
Input Capacitance
5
pF
CI/O
Switch Terminal
Capacitance
10
pF
CPD
Power Dissipation
Capacitance (note 1)
3.3
2.5
pF
5.0
3
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/4 (switch).
(*) Voltage range is 3.3V
± 0.3V
(**) Voltagerange is 5V
± 0.5V
74LVQ4066
4/9


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M74HC4066QUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
CD4066BMQuad Bilateral Switch 1 2 3 4 5 MoreNational Semiconductor (TI)
TC74HC4066APQUAD BILATERAL SWITCH 1 2 3 4 5 MoreToshiba Semiconductor
HCC4016BQUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
HCC4066BOR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION 1 2 3 4 5 MoreSTMicroelectronics
HCF4066BQUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS 1 2 3 4 5 MoreSTMicroelectronics
LC4966Quad Bilateral Switch 1 2 3 4 5 MoreSanyo Semicon Device
CD54HC4066High-Speed CMOS Logic Quad Bilateral Switch 1 2 3 4 5 MoreTexas Instruments
M54HC4016QUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
SL4066BQuad Bilateral Switch 1 2 3 4 5 MoreSystem Logic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn