Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVQ4066 Datasheet(PDF) 2 Page - STMicroelectronics

Part No. 74LVQ4066
Description  QUAD BILATERAL SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ4066 Datasheet(HTML) 2 Page - STMicroelectronics

  74LVQ4066 Datasheet HTML 1Page - STMicroelectronics 74LVQ4066 Datasheet HTML 2Page - STMicroelectronics 74LVQ4066 Datasheet HTML 3Page - STMicroelectronics 74LVQ4066 Datasheet HTML 4Page - STMicroelectronics 74LVQ4066 Datasheet HTML 5Page - STMicroelectronics 74LVQ4066 Datasheet HTML 6Page - STMicroelectronics 74LVQ4066 Datasheet HTML 7Page - STMicroelectronics 74LVQ4066 Datasheet HTML 8Page - STMicroelectronics 74LVQ4066 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LOGIC DIAGRAM
TRUTH TABLE
CONTROL
SWITCH F UNCTIO N
HON
L
OFF
PIN DESCRIPTION
PI N No
SYMBOL
NAME AND FUNCT ION
1, 4, 8, 11
1 to 4 I/O
Independent Input/Output
2, 3, 9, 10
1 to 4 O/I
Independent Output/Input
13, 5, 6, 12
1C to 4C
Enable Input (Active
HIGH)
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current
± 200
mA
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Valu e
Uni t
VCC
Supply Voltage (note 1)
2 to 5.5
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature:
-40 to +85
oC
dt/dv
Input Rise and Fall Time (note 2)
0 to 10
ns/V
1) Truth Table guaranteed: 1.2V to 5.5V
2) VIN from 30% to70%VCC
74LVQ4066
2/9


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M74HC4066QUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
CD4066BMQuad Bilateral Switch 1 2 3 4 5 MoreNational Semiconductor (TI)
TC74HC4066APQUAD BILATERAL SWITCH 1 2 3 4 5 MoreToshiba Semiconductor
HCC4016BQUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
HCC4066BOR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION 1 2 3 4 5 MoreSTMicroelectronics
HCF4066BQUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS 1 2 3 4 5 MoreSTMicroelectronics
LC4966Quad Bilateral Switch 1 2 3 4 5 MoreSanyo Semicon Device
CD54HC4066High-Speed CMOS Logic Quad Bilateral Switch 1 2 3 4 5 MoreTexas Instruments
M54HC4016QUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
SL4066BQuad Bilateral Switch 1 2 3 4 5 MoreSystem Logic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn