Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVQ4066 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. 74LVQ4066
Description  QUAD BILATERAL SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ4066 Datasheet(HTML) 1 Page - STMicroelectronics

  74LVQ4066 Datasheet HTML 1Page - STMicroelectronics 74LVQ4066 Datasheet HTML 2Page - STMicroelectronics 74LVQ4066 Datasheet HTML 3Page - STMicroelectronics 74LVQ4066 Datasheet HTML 4Page - STMicroelectronics 74LVQ4066 Datasheet HTML 5Page - STMicroelectronics 74LVQ4066 Datasheet HTML 6Page - STMicroelectronics 74LVQ4066 Datasheet HTML 7Page - STMicroelectronics 74LVQ4066 Datasheet HTML 8Page - STMicroelectronics 74LVQ4066 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74LVQ4066
QUAD BILATERAL SWITCH
October 1999
s
HIGH SPEED:
tPD = 0.4 ns (TYP.) at VCC = 3.3V
tPD = 0.1 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =2
µA (MAX.) at TA =25 oC
s
LOW ”ON” RESISTANCE:
RON =20
Ω at VCC = 3.3V,II/O ≤ 1mA
RON =12
Ω at VCC =5V, II/O ≤ 1mA
s
SINE WAVE DISTORTION:
0.04% at VCC = 3.3V, f = 1KHz
s
OPERATING VOLTAGE RANGE:
VCC(OPR) =2V to5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4066
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The LVQ4066 is a low voltage CMOS QUAD
BILATERAL SWITCH fabricated with sub-micron
silicon gate and double-layer metal wiring C
2MOS
technology. It is ideal for low power and low noise
3.3V applications.
It has an ON-resistance which is greatly reduced
in comparison with 74HC4066.
The C input is provided to control the switch; the
switch is ON when the C input is held high and
OFF when C is held low.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74LVQ4066M
74LVQ4066T
M
(Micro Package)
T
(TSSOP Package)
®
1/9


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M74HC4066QUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
CD4066BMQuad Bilateral Switch 1 2 3 4 5 MoreNational Semiconductor (TI)
TC74HC4066APQUAD BILATERAL SWITCH 1 2 3 4 5 MoreToshiba Semiconductor
HCC4016BQUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
HCC4066BOR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION 1 2 3 4 5 MoreSTMicroelectronics
HCF4066BQUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS 1 2 3 4 5 MoreSTMicroelectronics
LC4966Quad Bilateral Switch 1 2 3 4 5 MoreSanyo Semicon Device
CD54HC4066High-Speed CMOS Logic Quad Bilateral Switch 1 2 3 4 5 MoreTexas Instruments
M54HC4016QUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
SL4066BQuad Bilateral Switch 1 2 3 4 5 MoreSystem Logic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn