Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL016A30BFIR20 Datasheet(PDF) 1 Page - SPANSION

Part # S29GL016A30BFIR20
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL016A30BFIR20 Datasheet(HTML) 1 Page - SPANSION

  S29GL016A30BFIR20 Datasheet HTML 1Page - SPANSION S29GL016A30BFIR20 Datasheet HTML 2Page - SPANSION S29GL016A30BFIR20 Datasheet HTML 3Page - SPANSION S29GL016A30BFIR20 Datasheet HTML 4Page - SPANSION S29GL016A30BFIR20 Datasheet HTML 5Page - SPANSION S29GL016A30BFIR20 Datasheet HTML 6Page - SPANSION S29GL016A30BFIR20 Datasheet HTML 7Page - SPANSION S29GL016A30BFIR20 Datasheet HTML 8Page - SPANSION S29GL016A30BFIR20 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
Publication Number S29GL-A_00
Revision A
Amendment 11
Issue Date September 10, 2007
S29GL-A MirrorBit
® Flash Family
S29GL-A Cover Sheet
S29GL064A, S29GL032A, and S29GL016A
64 Megabit, 32 Megabit, and 16 Megabit
3.0-Volt only Page Mode Flash Memory
Featuring 200 nm MirrorBit Process Technology
Data Sheet
The S29GL064A and S29GL032A will not be offered for new designs. For new and current designs, the
S29GL064N and S29GL032N supersedes the S29GL064A and S29GL032A respectively and are the
factory-recommended migration path. Please refer to the S29GL064N and S29GL032N for specifications
and ordering information.
Notice to Readers: This document states the current technical specifications regarding the Spansion
product(s) described herein. Spansion Inc. deems the products to have been in sufficient production volume
such that subsequent versions of this document are not expected to change. However, typographical or
specification corrections, or modifications to the valid combinations offered may occur.


Similar Part No. - S29GL016A30BFIR20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL016A10BAER10 SPANSION-S29GL016A10BAER10 Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL016A10BAER12 SPANSION-S29GL016A10BAER12 Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL016A10BAER13 SPANSION-S29GL016A10BAER13 Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL016A10BAER20 SPANSION-S29GL016A10BAER20 Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL016A10BAER22 SPANSION-S29GL016A10BAER22 Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
More results

Similar Description - S29GL016A30BFIR20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com