Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89546U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89546U
Description  2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89546U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89546U Datasheet HTML 1Page - Micrel Semiconductor SY89546U Datasheet HTML 2Page - Micrel Semiconductor SY89546U Datasheet HTML 3Page - Micrel Semiconductor SY89546U Datasheet HTML 4Page - Micrel Semiconductor SY89546U Datasheet HTML 5Page - Micrel Semiconductor SY89546U Datasheet HTML 6Page - Micrel Semiconductor SY89546U Datasheet HTML 7Page - Micrel Semiconductor SY89546U Datasheet HTML 8Page - Micrel Semiconductor SY89546U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Precision Edge®
SY89546U
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
V
CC = 2.5V ±5%; TA = –40°C to +85°C; RL = 100ý across Q and /Q, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OH
Output HIGH Voltage
See Figure 5a
1.475
V
(Q, /Q)
V
OL
Output LOW Voltage
See Figure 5a
0.925
V
(Q, /Q)
V
OUT
Output Voltage Swing
See Figures 1a, 5a
250
350
mV
(Q, /Q)
V
DIFF-OUT
Differential Output Voltage Swing
See Figure 1b
500
700
mV
|Q – /Q|
V
OCM
Output Common Mode Voltage
See Figure 5b
1.125
1.275
V
(Q, /Q)
∆V
OCM
Change in Common Mode Voltage
See Figure 5b
–50
+50
mV
(Q, /Q)
LVDS OUTPUTS DC ELECTRICAL CHARACTERISTICS(9)
V
CC = 2.5V ±5%; TA = –40°C to +85°C; unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
2.0
V
CC
V
V
IL
Input LOW Voltage
0.8
V
I
IH
Input HIGH Current
40
µA
I
IL
Input LOW Current
–300
µA
Note:
9. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
LVTTL/CMOS DC ELECTRICAL CHARACTERISTICS(9)


Similar Part No. - SY89546U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89546U MICREL-SY89546U Datasheet
787Kb / 14P
   2.5V, 3.2Gbps Differential 4:1 LVDS
SY89546UMG MICREL-SY89546UMG Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89546UMG MICREL-SY89546UMG Datasheet
787Kb / 14P
   2.5V, 3.2Gbps Differential 4:1 LVDS
SY89546UMGTR MICREL-SY89546UMGTR Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89546UMGTR MICREL-SY89546UMGTR Datasheet
787Kb / 14P
   2.5V, 3.2Gbps Differential 4:1 LVDS
More results

Similar Description - SY89546U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89542U MICREL-SY89542U_07 Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89544U MICREL-SY89544U Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
logo
Micrel Semiconductor
SY89542U MICREL-SY89542U Datasheet
168Kb / 9P
   2.5Vm 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
logo
Integrated Device Techn...
889474 IDT-889474 Datasheet
216Kb / 16P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
logo
Micrel Semiconductor
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89543L MICREL-SY89543L Datasheet
167Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com