Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7316MX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7316MX
Description  LCD Backlight Inverter Drive IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7316MX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7316MX Datasheet HTML 1Page - Fairchild Semiconductor FAN7316MX Datasheet HTML 2Page - Fairchild Semiconductor FAN7316MX Datasheet HTML 3Page - Fairchild Semiconductor FAN7316MX Datasheet HTML 4Page - Fairchild Semiconductor FAN7316MX Datasheet HTML 5Page - Fairchild Semiconductor FAN7316MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7316MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7316MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7316MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7316 • 1.0.1
4
Pin Definitions
Pin #
Name
Description
1
OLP1
2
OLP2
This pin is for open-lamp protection. If OLP is lower than 1.5V at initial operation, the IC
operates at striking mode for BCT 450 cycles. If OLP is lower than 1.5V in normal mode, the
IC is shut down after a delay of three BCT cycles.
3
CMP
Error amplifier output. A compensation capacitor should be connected between this pin and
ground.
4
FB
Error amplifier inverting input. This pin voltage is regulated at 2V or ADIM voltage.
5
BDIM
This pin is for burst dimming input. The voltage range of 0.5 to 2V at this pin controls burst
mode duty cycle from 0% to 100%.
6
ADIM
This pin is for positive analog dimming input. This voltage to 2V at this pin controls the
amplitude of the lamp current.
7
ENA
This pin is for turning on/off the IC.
8
GND
Ground.
9
OUTL
Low-side driver output. The output stage can deliver about 500mA source and sink current,
typically.
10
VREF
6V reference voltage.
11
VIN
IC supply voltage.
12
VB
High-side floating supply. The bootstrap capacitor should be connected between this pin
and VS pin, which can be fed by an internal bootstrap MOSFET.
13
OUTH
High-side driver output. The output stage can deliver about 500mA source and sink current,
typically.
14
VS
High-side floating supply return. Layout care should be taken to avoid below-ground spikes
on this pin.
15
SCP
This pin is for short-circuit protection. If SCP is higher than 2V, IC enters shutdown mode
after a delay of 32 BCT cycles.
16
RT
This pin programs the switching frequency. The resistor should be connected between this
pin and ground.
17
BCT/FT
This pin programs the burst dimming frequency. A capacitor should be connected between
this pin and ground. The waveform of this pin is the triangular waveform whose amplitude is
from 0.5V to 2V. This pin voltage goes up to 4V when the IC enters shutdown mode.
18
OLR
This pin is for open-lamp regulation. If the voltage at OLR reaches 2V, the IC makes this pin
voltage be controlled not to exceed 2V. If OLR voltage is higher than 1.75V, the IC enters
shutdown mode after delays of 451 BCT cycles in striking mode and three BCT cycles in
normal mode, respectively. If this pin voltage is higher than 3V, the IC enters shutdown
mode without delay.
19
OLP4
20
OLP3
This pin is for open lamp protection. If OLP is lower than 1.5V at initial operation, the IC
operates at striking mode for BCT 450 cycles. If OLP is lower than 1.5V in normal mode, the
IC is shut down after a delay of three BCT cycles.


Similar Part No. - FAN7316MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316MX FAIRCHILD-FAN7316MX Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7316MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com