Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVQ138T Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LVQ138T
Description  3 TO 8 LINE DECODER INVERTING
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ138T Datasheet(HTML) 4 Page - STMicroelectronics

  74LVQ138T Datasheet HTML 1Page - STMicroelectronics 74LVQ138T Datasheet HTML 2Page - STMicroelectronics 74LVQ138T Datasheet HTML 3Page - STMicroelectronics 74LVQ138T Datasheet HTML 4Page - STMicroelectronics 74LVQ138T Datasheet HTML 5Page - STMicroelectronics 74LVQ138T Datasheet HTML 6Page - STMicroelectronics 74LVQ138T Datasheet HTML 7Page - STMicroelectronics 74LVQ138T Datasheet HTML 8Page - STMicroelectronics 74LVQ138T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DC SPECIFICATIONS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
VIH
High Level Input Voltage
3.0 to
3.6
2.0
2.0
V
VIL
Low Level Input Voltage
0.8
0.8
V
VOH
High Level Output
Voltage
3.0
VI
(* ) =
VIH or
VIL
IO=-50
µA
2.9
2.99
2.9
V
IO=-12 mA
2.58
2.48
IO=-24 mA
2.2
VOL
Low Level Output
Voltage
3.0
VI
(*) =
VIH or
VIL
IO=50
µA
0.002
0.1
0.1
V
IO=12 mA
0
0.36
0.44
IO=24 mA
0.55
II
Input Leakage Current
3.6
VI =VCC or GND
±0.1
±1
µA
ICC
Quiescent Supply
Current
3.6
VI =VCC or GND
4
40
µA
IOLD
Dynamic Output Current
(note 1, 2)
3.6
VOLD = 0.8 V max
36
mA
IOHD
VOHD = 2 V min
-25
mA
1) Maximum test duration 2ms, one output loaded attime
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
Ω.
(*) All outputs loaded.
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
VOLP
Dynamic Low Voltage
Quiet Output (note 1, 2)
3.3
CL =50 pF
0.2
0.8
V
VOLV
-0.8
-0.2
VIHD
Dynamic High Voltage
Input (note 1, 3)
3.3
2
VILD
Dynamic Low Voltage
Input (note 1, 3)
3.3
0.8
1) Worst case package
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n -1) outputs switching and one output at GND
3) max number of data inputs (n) switching. (n-1) switching 0V to3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold (VIHD). f=1MHz
74LVQ138
4/9


Similar Part No. - 74LVQ138T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ138TTR STMICROELECTRONICS-74LVQ138TTR Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
More results

Similar Description - 74LVQ138T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
   3 TO 8 LINE DECODER INVERTING
April 2001
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
   3 TO 8 LINE DECODER (INVERTING)
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
   3 TO 8 LINE DECODER INVERTING
June 1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
M54HC138 STMICROELECTRONICS-M54HC138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com